Electronic Components Datasheet Search
  English  ▼

X  

BMP388 Datasheet(PDF) 31 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 31 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 35Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
31 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
Table 26: Register 0x03 “STATUS”
Name
Description
Bit 4
cmd_rdy
CMD decoder status.
0: Command in progress
1: Command decoder is ready to accept a new command
Bit 5
drdy_press
Data ready for pressure.
It gets reset, when one pressure DATA register is read out
Bit 6
drdy_temp
Data ready for temperature sensor.
It gets reset, when one temperature DATA register is read out
4.3.4. Register 0x04 .. 0x06 Pressure Data
The 24Bit pressure data is split and stored in three consecutive registers
0x04
“DATA_0”
0x05
“DATA_1”
0x06
“DATA_2”
Table 27: Pressure Data Registers
Register
0x06 DATA_2
0x05 DATA_1
0x04 DATA_0
Bit
7..0
7..0
7..0
name
PRESS_MSB_23_16
PRESS_LSB_15_8
PRESS_XLSB_7_0
Data
pressure data
4.3.5. Register 0x07 .. 0x09 Temperature Data
The 24Bit temperature data is split and stored in three consecutive registers
0x07
“DATA_3”
0x08
“DATA_4”
0x09
“DATA_5”
Table 28: Temperature Data Registers
Register
0x09 DATA_5
0x08 DATA_4
0x07 DATA_3
Bit
7..0
7..0
7..0
name
TEMP_MSB_23_16
TEMP_LSB_15_8
TEMP_XLSB_7_0
Data
temperature data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com