Electronic Components Datasheet Search
  English  ▼

X  

BMP388 Datasheet(PDF) 51 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 51 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 47Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 48Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 49Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 50Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 51Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 52Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 53Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 54Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 55Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
51 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
7.5.
Tape and reel specification
7.5.1. Dimensions
Figure 28: Tape and Reel dimensions
Quantity per reel: 10 kpcs.
7.5.2. Orientation within the reel
The orientation of the sensor placement inside the tape on reel can be found below.
Figure 29: Orientation within tape
7.6.
Mounting and assembly recommendations
In addition to “Handling, soldering & mounting instructions BMP38x”, the following recommendations should be taken into
consideration when mounting a pressure sensor on a printed-circuit board (PCB):
The clearance above the metal lid shall be 0.1mm at minimum.
For the device housing appropriate venting needs to be provided in case the ambient pressure shall be measured.
Liquids shall not come into direct contact with the device.
During operation the sensor chip is sensitive to light, which can influence the accuracy of the measurement (photo-
current of silicon). The position of the vent hole minimizes the light exposure of the sensor chip. Nevertheless, BST
recommends to avoid the exposure of BMP388 to strong light sources.
Soldering must not be done using vapor phase processes since the sensor might be damaged.
Port hole
Tape: top side
Cover tape foil
Carrier
Pocket
Sprocket hole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com