Electronic Components Datasheet Search
  English  ▼

X  

BMP388 Datasheet(PDF) 50 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 50 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 46Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 47Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 48Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 49Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 50Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 51Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 52Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 53Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 54Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
50 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
7.4.
Soldering guidelines
The moisture sensitivity level of the BMP388 sensors corresponds to JEDEC Level 1, see also:
 IPC/JEDEC J-STD-020C “Joint Industry Standard: Moisture/Reflow Sensitivity Classification for non-hermetic Solid
State Surface Mount Devices”
 IPC/JEDEC J-STD-033A “Joint Industry Standard: Handling, Packing, Shipping and Use of Moisture/Reflow Sensitive
Surface Mount Devices”.
The sensor fulfils the lead-free soldering requirements of the above-mentioned IPC/JEDEC standard, i.e. reflow soldering
with a peak temperature up to 260°C. The minimum height of the solder after reflow shall be at least 20 µm. This is required
for good mechanical decoupling between the sensor device and the printed circuit board (PCB).
Figure 27: Soldering profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com