Electronic Components Datasheet Search
  English  ▼

X  

BMP388 Datasheet(PDF) 10 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 10 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 14Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
10 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
3.2.
Power management
The BMP388 has two separate power supply pins
VDD is the main power supply for all internal analog and digital regulator blocks.
VDDIO is a separate power supply pin, used for the supply of the digital interface.
VDD and VDDIO pins can be energized in any order.
A power-on reset generator is built in which resets the logic circuitry and the register values after the power-on sequence.
The slope for ramp up time must not be less than 10 ms. After powering up, the sensor settles in sleep mode (see section
3.3).
Completion of the power-on-reset or soft reset is indicated by the bit por_detected[0]. The bit is cleared after reading.
Holding any interface pin (SDI, SDO, SCK or CSB) at a logical high level when VDDIO is switched off can permanently damage
the device due caused by excessive current flow through the ESD protection diodes.
3.3.
Power modes
The BMP388 offers three power modes: sleep mode, forced mode and normal mode. These can be selected using the
mode[1:0] bits in control register “pwr_ctrl”.
Table 4: mode settings
mode[1:0]
Mode
00
Sleep mode
01 and 10
Forced mode
11
Normal mode
3.3.1. Sleep mode
Sleep mode is set by default after power on reset. In sleep mode, no measurements are performed and power consumption
(IDDSL) is at a minimum. All registers are accessible; Chip-ID and compensation coefficients can be read.
3.3.2.
Forced mode
In forced mode, a single measurement is performed according to selected measurement and filter options. When the
measurement is finished, the sensor returns to sleep mode and the measurement results can be obtained from the data
registers. For a next measurement, forced mode needs to be selected again. Forced mode is recommended for applications
which require low sampling rate or host-based synchronization.
time
ISLEEP
IIDLE
IMEAS, P
IMEAS, T
POR
Mode[1:0] = 01
Data readout
osrs_t
osrs_p
Write
settings
Mode[1:0] = 01
Figure 2: Force mode timing diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com