Electronic Components Datasheet Search
  English  ▼

X  

BMP388 Datasheet(PDF) 41 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 41 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 37Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 39Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 40Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 41Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 42Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 43Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 44Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 45Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
Bosch Sensortec | BMP388 Datasheet
41 | 57
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMEP388-DS001-01 Revision_1.1_032018
5.3.
SPI interface
The SPI interface is compatible with SPI mode ‘00’ (CPOL = CPHA = ‘0’) and mode ‘11’ (CPOL = CPHA = ‘1’). The automatic
selection between mode ‘00’ and ‘11’ is determined by the value of SCK after the CSB falling edge.
The SPI interface has two modes: 4-wire and 3-wire. The protocol is the same for both. The 3-wire mode is selected by
setting spi3=‘1’ in register “IF_CONF[0]” (see 4.3.13). The pad SDI is used as a data input/output pad in 3-wire mode.
The SPI interface uses the following pins:
CSB:
chip select, active low
SCK:
serial clock
SDI:
serial data input; data input/output in 3-wire mode
SDO: serial data output; hi-Z in 3-wire mode
Refer to chapter 6 for connection instructions.
CSB is active low and has an integrated pull-up resistor. Data on SDI is latched by the device at SCK rising edge and SDO
is changed at SCK falling edge. Communication starts when CSB goes to low and stops when CSB goes to high; during
these transitions on CSB, SCK must be stable. The SPI protocol is shown in Figure 17.
CSB
SCK
SDI
RW
AD6
AD5
AD4
AD3
AD2
AD1
AD0
DI5
DI4
DI3
DI2
DI1
DI0
DI7
DI6
SDO
DO5
DO4
DO3
DO2
DO1
DO0
DO7
DO6
tri-state
Figure 17: SPI protocol (shown for mode ‘11’ in 4-wire configuration)
In SPI mode, only 7 bits of the register addresses are used; the MSB of register address is not used and replaced by a
read/write bit (RW = ‘0’ for write and RW = ‘1’ for read).
Example: address 0xF7 is accessed by using SPI register address 0x77. For write access, the byte 0x77 is transferred, for
read access, the byte 0xF7 is transferred.
5.3.1. SPI write
Writing is done by lowering CSB and sending pairs control bytes and register data. The control bytes consist of the SPI
register address (= full register address without bit 7) and the write command (bit7 = RW = ‘0’). Several pairs can be written
without raising CSB. The transaction is ended by a raising CSB. The SPI write protocol is depicted in Figure 18.
Figure 18: 4 wire SPI sequence
Figure 19: SPI multiple write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com