Electronic Components Datasheet Search
  English  ▼

X  

TM1818 Datasheet(PDF) 9 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1818
Description  16 channel LED constant current drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1818 Datasheet(HTML) 9 Page - Shenzhen Putianhe Technology Co., Ltd

Back Button TM1818 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 10Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 11Page - Shenzhen Putianhe Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
16
16
16
16 通道
通道
通道
通道 LED
LED
LED
LED 恒流驱动
恒流驱动
恒流驱动
恒流驱动 TM
TM
TM
TM1818
1818
1818
1818
www.szpth.com
Ver1.2
%
封装示意图
封装示意图
封装示意图
封装示意图
SSOP24
SSOP24
SSOP24
SSOP24
e
b
D
L
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Nom
Max
Min
Nom
Max
A
1.75
-
2.10
0.069
-
0.083
A1
0.05
-
0.20
0.002
-
0.008
A2
1.70
-
1.90
0.067
-
0.075
b
0.40TYP
0.016TYP
c
0.09
-
0.20
0.004
-
0.008
D
12.9
-
13.1
0.508
-
0.516
E
5.90
-
6.10
0.232
-
0.240
E1
7.6
-
8.2
0.300
-
0.323
e
1.00TYP
0.039TYP
L
0.33
-
0.73
0.013
-
0.029
θ
0°
-
8°
0°
-
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com