Electronic Components Datasheet Search
  English  ▼

X  

TM1818 Datasheet(PDF) 1 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1818
Description  16 channel LED constant current drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1818 Datasheet(HTML) 1 Page - Shenzhen Putianhe Technology Co., Ltd

  TM1818 Datasheet HTML 1Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 2Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
16
16
16
16 通道
通道
通道
通道 LED
LED
LED
LED 恒流驱动
恒流驱动
恒流驱动
恒流驱动 TM
TM
TM
TM1818
1818
1818
1818
www.szpth.com
Ver1.2
特性描述
特性描述
特性描述
特性描述
TM1818是LED显示面板设计的驱动IC,它内建的CMOS位移寄存器与锁存功能,可以将串行的输
入数据转换成平行输出数据格式 TM1818具有16个电流源,可以在每个输出端口提供2~60mA恒定电
流量以驱动LED,每个OUT驱动通道输出可短接后得到更大的电流输出,且当环境发生变化时,对其输
出电流影响很小 同时可以选用不同阻值 REXT 的外接电阻来调整TM1818各输出端口的电流大小,
因此,可精确地控制LED的发光亮度,适用于高质量白平衡显示驱动模组 本产品性能优良 质量可靠
功能特点
功能特点
功能特点
功能特点
16个恒流源输出通道
电流输出大小不因输出端负载电压变化而变化
恒流电流范围值,2~60mA致VDD=5V 2~45mA致VDD=3.3V
极为精确的电流输出值
通道与通道 最大误差 ≤±1.5%
芯片与芯片 最大误差 ≤±2.0%
通过调节外部电阻,可设定精密电流输出值
高达 25MHz 时钟频率
工作电压 3.0V~5.5V
封装形式 SSOP24 QSOP24
外部
外部
外部
外部应用
应用
应用
应用框图
框图
框图
框图
适用领域
户内 外,单 双 全彩 动态 静态 LED显示屏
灯饰 节能照明
控制器
TM1818
DATA
CLK
LE
OE
OE
LE
CLK
SDI
OUT0
OUT15
R-EXT
SDO
VCC
GND
VCC
●
●
●
IC1
VLED
VLED
●
●
●
●
●
●
TM1818
OE
LE
CLK
SDI
OUT0
OUT15
R-EXT
SDO
VCC
GND
●
●
●
ICn
VLED
VLED
●
●
●
●
●
●
VCC
.
.
图
图
图
图 1111


Similar Part No. - TM1818

ManufacturerPart #DatasheetDescription
logo
Shenzhen Titan Micro El...
TM1818 TITAN-TM1818 Datasheet
323Kb / 10P
LED
More results

Similar Description - TM1818

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR9026 LRC-LR9026 Datasheet
463Kb / 9P
16-channel constant current LED driver
logo
Marktech Corporate
TC62D776CFG MARKTECH-TC62D776CFG_15 Datasheet
525Kb / 33P
16-Channel Constant-Current LED Driver
TC62D776CFNAG MARKTECH-TC62D776CFNAG_15 Datasheet
567Kb / 33P
16-Channel Constant-Current LED Driver
logo
ON Semiconductor
CAT4016 ONSEMI-CAT4016_15 Datasheet
121Kb / 14P
16-Channel Constant Current LED Driver
July, 2015 ??Rev. 5
logo
Shenzhen Putianhe Techn...
TM1825 PTH-TM1825 Datasheet
665Kb / 16P
9 channel LED constant current drive
TM1826 PTH-TM1826 Datasheet
597Kb / 16P
12 - channel LED constant current drive
TM1829 PTH-TM1829 Datasheet
529Kb / 16P
3 - channel LED constant current drive
TM1903 PTH-TM1903 Datasheet
513Kb / 15P
3 - channel LED constant current drive
TM1905 PTH-TM1905 Datasheet
650Kb / 16P
9 channel LED constant current drive
TM1906 PTH-TM1906 Datasheet
486Kb / 16P
12 - channel LED constant current drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com