Electronic Components Datasheet Search
  English  ▼

X  

TM1818 Datasheet(PDF) 10 Page - Shenzhen Putianhe Technology Co., Ltd

Part # TM1818
Description  16 channel LED constant current drive
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTH [Shenzhen Putianhe Technology Co., Ltd]
Direct Link  http://www.szpth.com/
Logo PTH - Shenzhen Putianhe Technology Co., Ltd

TM1818 Datasheet(HTML) 10 Page - Shenzhen Putianhe Technology Co., Ltd

Back Button TM1818 Datasheet HTML 3Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 4Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 5Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 6Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 7Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 8Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 9Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 10Page - Shenzhen Putianhe Technology Co., Ltd TM1818 Datasheet HTML 11Page - Shenzhen Putianhe Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
16
16
16
16 通道
通道
通道
通道 LED
LED
LED
LED 恒流驱动
恒流驱动
恒流驱动
恒流驱动 TM
TM
TM
TM1818
1818
1818
1818
www.szpth.com
Ver1.2
QSOP24
QSOP24
QSOP24
QSOP24
e
b
D
L
All specs 。nd 。pplic。tions shown 。bove subject to ch。nge without prior notice.
(以上电路及规格仅供参考,如本公司进行修正,恕不另行通知)
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Nom
Max
Min
Nom
Max
A
1.35
1.60
1.75
0.063
0.069
A1
0.10
0.15
0.25
0.004
0.006
0.010
A2
1.25
1.45
1.65
0.049
0.057
0.065
b
0.21
-
0.31
0.008
-
0.012
c
0.25BSC
0.010BSC
D
8.53
8.63
8.73
0.336
0.340
0.344
E
3.80
3.90
4.00
0.150
0.154
0.157
E1
5.80
6.00
6.20
0.228
0.236
0.244
e
0.535
0.635
0.735
0.021
0.025
0.029
L
0.45
0.60
0.80
0.018
0.024
0.031
θ
0°
-
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com