Electronic Components Datasheet Search
  English  ▼

X  

FP8103 Datasheet(PDF) 3 Page - Feeling Technology Corp.

Part # FP8103
Description  1A Linear Li-Ion Battery Charger in SOP8
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP8103 Datasheet(HTML) 3 Page - Feeling Technology Corp.

  FP8103 Datasheet HTML 1Page - Feeling Technology Corp. FP8103 Datasheet HTML 2Page - Feeling Technology Corp. FP8103 Datasheet HTML 3Page - Feeling Technology Corp. FP8103 Datasheet HTML 4Page - Feeling Technology Corp. FP8103 Datasheet HTML 5Page - Feeling Technology Corp. FP8103 Datasheet HTML 6Page - Feeling Technology Corp. FP8103 Datasheet HTML 7Page - Feeling Technology Corp. FP8103 Datasheet HTML 8Page - Feeling Technology Corp. FP8103 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
FP8103
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.70
3/19
State Diagram
Shutdown Mode
Vcc < VUVLO
Vcc < VBAT
=Hi-Impedance
=Hi-Impedance
Pre-Charge Mode
Charge Current=1/10.IBAT
=Strong Pull-Low
=Hi-Impedance
Constant-Current Charge Mode
Charge Current=IBAT
=Strong Pull-Low
=Hi-Impedance
Constant-Voltage Charge Mode
Charge Voltage > 4.15V
=Strong Pull-Low
=Hi-Impedance
Standby Mode
Charge Termination
=Hi-Impedance
=Strong Pull-Low
VBAT < 4.15V
VBAT
2.9V
Charge Current <1/10.IBAT
≥
STDBY
CHRG
CHRG
STDBY
CHRG
STDBY
CHRG
STDBY
CHRG
STDBY
VBAT < 2.9V
or
Vcc < VBAT
Vcc < VUVLO or
Vcc < VBAT
Vcc < VUVLO or
Check
VBAT
Vcc
≥ V
BAT
Vcc
≥ V
UVLO
+0.1V
and
VBAT
2.9V
≥
or
Vcc < VBAT
Vcc < VUVLO
Vcc < VBAT
Vcc < VUVLO or
VBAT > 4.15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com