Electronic Components Datasheet Search
  English  ▼

X  

FP8103 Datasheet(PDF) 10 Page - Feeling Technology Corp.

Part # FP8103
Description  1A Linear Li-Ion Battery Charger in SOP8
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP8103 Datasheet(HTML) 10 Page - Feeling Technology Corp.

Back Button FP8103 Datasheet HTML 6Page - Feeling Technology Corp. FP8103 Datasheet HTML 7Page - Feeling Technology Corp. FP8103 Datasheet HTML 8Page - Feeling Technology Corp. FP8103 Datasheet HTML 9Page - Feeling Technology Corp. FP8103 Datasheet HTML 10Page - Feeling Technology Corp. FP8103 Datasheet HTML 11Page - Feeling Technology Corp. FP8103 Datasheet HTML 12Page - Feeling Technology Corp. FP8103 Datasheet HTML 13Page - Feeling Technology Corp. FP8103 Datasheet HTML 14Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
FP8103
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.70
10/19
Function Description
Operation
The FP8103 is a linear battery charger designed primarily for charging single cell lithium-ion
batteries.The charger uses a constant-current/constant-voltage charging algorithm with programmable
current. Charging current can be programmed by an external single resistor. The FP8103 includes an
internal P-channel power MOSFET and thermal regulation circuitry. No blocking diode or external
sense resistor are required. Thus, the basic charger circuit requires only two external components.
Furthermore, The FP8103 is capable of operating from a USB power source.
Normal Charge Cycle
A charge cycle begins when the voltage at the Vcc pin rises above the UVLO threshold. If the BAT
pin voltage is smaller than 2.9V, the charger enter trickle charge mode. In this mode, the FP8103
supplies approximately 1/10 the programmed charging current to bring the battery voltage up to a safe
level for full current charging. When the BAT pin voltage rises above 2.9V, the charger enters
constant-current mode, where the full programmed charge current is supplied to the battery. When the
BAT pin approaches the final float voltage (4.35V), the FP8103 enters the constant-voltage mode and
the charge current begins to decrease. When the charge current drops to 1/10 of the programmed
value, the charge cycle ends.
Programming Charge Current
The charge current is programmed by a single resistor connected from the PROG pin to ground.
The battery charging current is 1200 times the current flowing out of the PROG pin. The required
resistor value can be calculated from the charge current with following equation:
RPROG=
)
MAX
(
CHG
I
1200
The instantaneous charging current may differ from above equation in trickle or constant voltage
modes. The instantaneous charging current provided to the battery can be determined by monitoring
the PROG pin voltage at any time with the following equation:
ICHG=
1200
×
R
V
PROG
PROG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com