Electronic Components Datasheet Search
  English  ▼

X  

FP8103 Datasheet(PDF) 7 Page - Feeling Technology Corp.

Part # FP8103
Description  1A Linear Li-Ion Battery Charger in SOP8
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP8103 Datasheet(HTML) 7 Page - Feeling Technology Corp.

Back Button FP8103 Datasheet HTML 3Page - Feeling Technology Corp. FP8103 Datasheet HTML 4Page - Feeling Technology Corp. FP8103 Datasheet HTML 5Page - Feeling Technology Corp. FP8103 Datasheet HTML 6Page - Feeling Technology Corp. FP8103 Datasheet HTML 7Page - Feeling Technology Corp. FP8103 Datasheet HTML 8Page - Feeling Technology Corp. FP8103 Datasheet HTML 9Page - Feeling Technology Corp. FP8103 Datasheet HTML 10Page - Feeling Technology Corp. FP8103 Datasheet HTML 11Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
FP8103
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.70
7/19
Recommended Operating Conditions
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Supply Voltage
Vcc
4.45
5.5
V
Operating Temperature
Ambient Temperature
-40
85
°C
DC Electrical Characteristics (V
cc=5V, TA= 25°C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Standby Current
ISB
Charge Termination
55
100
µA
Shutdown Supply Current
IST
Vcc< VBAT , Vcc< VUVLO
RPROG not connect
55
100
µA
CV Output (Float) Voltage
VFLOAT
0°C<TA<85°C
4.30
4.35
4.38
V
BAT Pin Current
IBAT
RPROG=2K
540
600
660
mA
RPROG=1.2K
900
1000
1100
mA
Standby-Mode, VBAT=4.35V
0
-2.5
-6
µA
Shutdown-Mode,
±1
±2
µA
Sleep-Mode, Vcc=0V
-1
-2
µA
Trickle Charge Current
ITRIKL
VBAT< VTRIKL ,RPROG=2K
30
60
85
mA
Trickle Charge Threshold Voltage
VTRIKL
RPROG=2K, VBAT Rising
2.8
2.9
3.0
V
Trickle Charge Hysteresis Voltage
VTRKHYS
RPROG=2K
200
mV
Vcc Under Voltage Lockout Threshold
VUV
Vcc Rising
3.5
3.7
3.9
V
Vcc Under Voltage Lockout Threshold
Hysteresis
VUVHYS
200
mV
Vcc-VBAT Lockout Threshold
VASD
Vcc Rising
100
mV
Vcc Falling
10
mV
PMOSFET On Resistance
RON
650
mΩ
C/10 Termination Current Threshold
ITERM
RPROG=2K
60
mA
RPROG=1.2K
100
mA
PROG Pin Voltage
VPROG
RPROG=1.2K, Current Mode
0.9
1.0
1.1
V
CHRGB Pin Output Low Voltage
VCHRG
ICHRG=5mA
0.3
0.6
V
STDBYB Pin Output Low Voltage
VSTDBY
ISTDBY=5mA
0.3
0.6
V
Battery Recharge Threshold Voltage
VRECHRG
VFLOAT-VRECHRG
200
mV
Temperature Limiting
TLIM
145
°C
TEMP Pin High Threshold Voltage
VTEMP-H
80
%Vcc
TEMP Pin Low Threshold Voltage
VTEMP-L
45
%Vcc
Soft-Start Time
TSS
IBAT=0 to IBAT=1200V/RPROG
20
µs
Recharge Comparator Filter Time
TRECHRG
VBAT High to Low
0.8
1.8
4
mS
C/10Termination Comparator Filter
Time
TTERM
IBAT Falling below ITERM
0.8
1.8
4
mS
PROG Pin Pull-up Current
IPROG
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com