Electronic Components Datasheet Search
  English  ▼

X  

FP8103 Datasheet(PDF) 15 Page - Feeling Technology Corp.

Part # FP8103
Description  1A Linear Li-Ion Battery Charger in SOP8
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP8103 Datasheet(HTML) 15 Page - Feeling Technology Corp.

Back Button FP8103 Datasheet HTML 11Page - Feeling Technology Corp. FP8103 Datasheet HTML 12Page - Feeling Technology Corp. FP8103 Datasheet HTML 13Page - Feeling Technology Corp. FP8103 Datasheet HTML 14Page - Feeling Technology Corp. FP8103 Datasheet HTML 15Page - Feeling Technology Corp. FP8103 Datasheet HTML 16Page - Feeling Technology Corp. FP8103 Datasheet HTML 17Page - Feeling Technology Corp. FP8103 Datasheet HTML 18Page - Feeling Technology Corp. FP8103 Datasheet HTML 19Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
FP8103
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.70
15/19
Power Dissipation
The conditions that cause the FP8103 to reduce charge current through thermal feedback can be
approximated by considering the power dissipated in the IC. For high charge current, the FP8103
power dissipation is approximately:
PD= (VCC-VBAT).IBAT
Where PD is the power dissipated, VCC is the input supply voltage, VBAT is the battery voltage and
IBAT is the charge current. It is not necessary to check any worst-case power dissipation scenarios
because the FP8103 will automatically reduce the charge current to maintain the die temperature
under 145°C approximately. The approximate ambient temperature at which the thermal feedback
begins to protect the IC is:
TA=145℃ – PDθJA
=145
℃ – (V
CC-VBAT).IBAT.θJA
For example: Consider an FP8103 operating from a 5V wall adapter providing 1A to a 3.6V Li-Ion
battery. The ambient temperature above which the FP8103 will begin to reduce the 1A charge current
is approximately:
TA = 145°C – (5V – 3.6V) • (1A) • 50°C/W
= 145°C
– 1.4W • 50°C/W = 145°C – 70°C
= 75°C
The FP8103 can be used above 75°C, but the charge current will be reduced to smaller than
1000mA. The approximate current at a given ambient temperature can be calculated:
IBAT =
JA
•
BAT)
A
θ
V
-
Vcc
(
T
-
C
°
145
Using the previous example with an ambient temperature of 90°C, the charge current will be
reduced to approximately:
IBAT =
(
)
C/W
°
50
3.6V
-
V
5
C
°
90
-
C
°
145
•
=
C/A
°
70
C
°
55
= 785mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com