Electronic Components Datasheet Search
  English  ▼

X  

FP8103 Datasheet(PDF) 8 Page - Feeling Technology Corp.

Part # FP8103
Description  1A Linear Li-Ion Battery Charger in SOP8
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP8103 Datasheet(HTML) 8 Page - Feeling Technology Corp.

Back Button FP8103 Datasheet HTML 4Page - Feeling Technology Corp. FP8103 Datasheet HTML 5Page - Feeling Technology Corp. FP8103 Datasheet HTML 6Page - Feeling Technology Corp. FP8103 Datasheet HTML 7Page - Feeling Technology Corp. FP8103 Datasheet HTML 8Page - Feeling Technology Corp. FP8103 Datasheet HTML 9Page - Feeling Technology Corp. FP8103 Datasheet HTML 10Page - Feeling Technology Corp. FP8103 Datasheet HTML 11Page - Feeling Technology Corp. FP8103 Datasheet HTML 12Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
FP8103
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.70
8/19
Typical Operating Characteristics
(VCC=5V, TA= 25°C, unless otherwise noted)
PROG Pin Voltage vs. Supply Voltage
(Constant Current Mode)
0.98
0.985
0.99
0.995
1
1.005
1.01
4
4.5
5
5.5
6
Supply Voltage (V)
Battery Regulation(Float) Voltage vs. Supply Voltage
4.28
4.3
4.32
4.34
4.36
4.38
4
4.5
5
5.5
6
Supply Voltage (V)
Charge Current vs. Supply Voltage
0
200
400
600
800
1000
1200
4
4.5
5
5.5
6
Supply Voltage (V)
Trickle Charge Current vs. Supply Voltage
0
20
40
60
80
100
120
4
4.5
5
5.5
6
Supply Voltage (V)
Charge Current vs. Battery Voltage
0
200
400
600
800
1000
1200
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
VBAT (V)
Charge Current vs. Battery Voltage
0
200
400
600
800
1000
1200
2.6
2.8
3
3.2
3.4
3.6
3.8
4
4.2
4.4
VBAT (V)
Vcc =4.4V
Vcc =5V
Vcc= 5.5V
VBAT=4V
RPROG=10K
RPROG=10K
RPROG=1.2K
TA=0°C
TA=25°C
TA=50°C
TA=0°C
RPROG=1.2K
Thermal Regulation
VBAT=4V
RPROG=1.2K
RPROG=2.4K
RPROG=10K
VBAT=2.5V
RPROG=1.2K
RPROG=2.4K
RPROG=10K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com