Electronic Components Datasheet Search
  English  ▼

X  

FP8103 Datasheet(PDF) 11 Page - Feeling Technology Corp.

Part # FP8103
Description  1A Linear Li-Ion Battery Charger in SOP8
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP8103 Datasheet(HTML) 11 Page - Feeling Technology Corp.

Back Button FP8103 Datasheet HTML 7Page - Feeling Technology Corp. FP8103 Datasheet HTML 8Page - Feeling Technology Corp. FP8103 Datasheet HTML 9Page - Feeling Technology Corp. FP8103 Datasheet HTML 10Page - Feeling Technology Corp. FP8103 Datasheet HTML 11Page - Feeling Technology Corp. FP8103 Datasheet HTML 12Page - Feeling Technology Corp. FP8103 Datasheet HTML 13Page - Feeling Technology Corp. FP8103 Datasheet HTML 14Page - Feeling Technology Corp. FP8103 Datasheet HTML 15Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
FP8103
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.70
11/19
Charge Termination
A charge cycle is terminated when the charge current falls to 1/10 the programmed value after
the final float voltage is reached. This condition is detected by using an internal, filtered comparator to
monitor the PROG pin. When the PROG pin voltage falls below 100mV for longer then TTERM (1.8ms),
charging is terminated. The charge current is shut off and the FP8103 enters standby mode, where the
input supply current drops to 55uA. The FP8103 draws no current from the battery in standby mode.
This feature reduces the charge and discharge cycles on the battery, further prolong the battery life.
Thermal Protection
An internal thermal feedback loop reduces the programmed charge current if the die temperature
rises above a preset value of approximately 145°C. This feature protects the FP8103 from excessive
temperature and allows the user to push the limits of the power handing capability of a given circuit
board without risk of damaging the FP8103. The charge current can be set according to typical
ambient temperature with the assurance that the charge will automatically reduce the current in worst
case condition.
Battery Temperature Fault Monitoring
In the event of a battery over-temperature condition, the charging control will turn off the internal
pass device and report a battery temperature fault on the TEMP pin. Inside the FP8103, two internal
voltage references VTEMP-H and VTEMP-L are fixed at 80% ×VCC and 45% ×VCC respectively. As the
TEMP pin voltage rises above VTEMP-H or falls below VTEMP-L, the FP8103 stops charging and indicates
a fault condition. After the system recovers from a temperature fault, the device will resume charging
operation. For applications that do not need to monitor the battery temperature, short the TEMP pin to
the GND.
The values of R1 and R2 are set according to the battery temperature range and the value of
thermal sensitive resistor. If the battery is equipped with NTC(Negative Temperature Coefficient)
thermistor and the temperature monitor range is TL~TH(TL< TH), then RT, the thermistor resistance,
decreases as temperature increases from TL to TH, means RTL>RTH.
The TEMP pin voltage can be calculated as:
Vcc
R
//
2
R
1
R
R
//
2
R
V
T
T
TEMP
Thus, this VTEMP decreases as the temperature increase from TL to TH.
To set proper R1 and R2 value for temperature protection, we set:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com