Electronic Components Datasheet Search
  English  ▼

X  

FP8103 Datasheet(PDF) 1 Page - Feeling Technology Corp.

Part # FP8103
Description  1A Linear Li-Ion Battery Charger in SOP8
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP8103 Datasheet(HTML) 1 Page - Feeling Technology Corp.

  FP8103 Datasheet HTML 1Page - Feeling Technology Corp. FP8103 Datasheet HTML 2Page - Feeling Technology Corp. FP8103 Datasheet HTML 3Page - Feeling Technology Corp. FP8103 Datasheet HTML 4Page - Feeling Technology Corp. FP8103 Datasheet HTML 5Page - Feeling Technology Corp. FP8103 Datasheet HTML 6Page - Feeling Technology Corp. FP8103 Datasheet HTML 7Page - Feeling Technology Corp. FP8103 Datasheet HTML 8Page - Feeling Technology Corp. FP8103 Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FP8103
1A Linear Li-Ion Battery Charger in SOP8
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.70
1/19
FP8103
3
2
4
5
BAT
EN
TEMP
GND
1
6
7
8
PROG
VIN
CHRG
STDBY
Li-ion
CELL
Bat+
Bat-
Vcc
General Description
The FP8103 is a standalone linear Li-ion battery charger with exposed pad SOP8 package. With
few external components, FP8103 is well suited for a wide range of portable applications. Charging
current can be programmed by an external resistor. In standby mode, supply current will be reduced to
around 55uA. Other features include UVLO, automatic recharge, charge status indicators and thermal
regulation.
Features
 Standalone Linear Charger for Single Cell Li-ion Batteries
 No External MOSFET, Sense Resistor, or Blocking Diode Required
 Up to 1A Programmable Charge Current
 Preset Charge Voltage with ±1% Accuracy
 Automatic Recharge
 2.9V Trickle Charge Voltage
 C/10 Charge Termination
 55uA Standby Supply Current
 Charge Status Indicators for No Battery and Charge Failure Display
 Soft-Start to Limit Inrush Current
 Thermal Protection
Applications
 Portable Information Appliances
 Charging Docks & Cradles
 Cellular Phones & PDAs
 Handheld Computers
Typical Application Circuit


Similar Part No. - FP8103

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP8101 FEELING-FP8101 Datasheet
547Kb / 14P
500mA Linear Li-Ion Battery Charger in SOT23
FP8101KR-G1 FEELING-FP8101KR-G1 Datasheet
547Kb / 14P
500mA Linear Li-Ion Battery Charger in SOT23
FP8101LR-G1 FEELING-FP8101LR-G1 Datasheet
547Kb / 14P
500mA Linear Li-Ion Battery Charger in SOT23
FP8102 FEELING-FP8102 Datasheet
669Kb / 19P
1A Linear Li-Ion Battery Charger in SOP8E
FP8102XR-G1 FEELING-FP8102XR-G1 Datasheet
669Kb / 19P
1A Linear Li-Ion Battery Charger in SOP8E
More results

Similar Description - FP8103

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3683 ANALOGICTECH-AAT3683 Datasheet
595Kb / 24P
1A Linear Li-Ion Battery Charger
AAT3683 ANALOGICTECH-AAT3683_08 Datasheet
455Kb / 23P
1A Linear Li-Ion Battery Charger
logo
Skyworks Solutions Inc.
AAT3683 SKYWORKS-AAT3683_12 Datasheet
1Mb / 22P
1A Linear Li-Ion Battery Charger
logo
List of Unclassifed Man...
AP5056 ETC2-AP5056 Datasheet
730Kb / 9P
1A Linear Li-Ion Battery Charger
logo
Billiton Ltd.
TP4056 ASIC-TP4056 Datasheet
969Kb / 17P
1A Linear Li-Ion Battery Charger
logo
Feeling Technology Corp...
FP8102 FEELING-FP8102 Datasheet
669Kb / 19P
1A Linear Li-Ion Battery Charger in SOP8E
logo
SHENZHEN FUMAN ELECTRON...
TC4056A FUMAN-TC4056A Datasheet
1Mb / 20P
1A Linear Li-Ion Battery Charger
logo
AiT Semiconductor Inc.
A4051 AITSEMI-A4051 Datasheet
416Kb / 9P
BATTERY MANAGEMENT 1A LINEAR LI-ION BATTERY CHARGER
REV1.5
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Shenzhen Tuofeng Semico...
TF4056A TUOFENG-TF4056A Datasheet
4Mb / 8P
1A Linear Li-Ion Battery Charger
May,2020 V1.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com