Electronic Components Datasheet Search
  English  ▼

X  

MSM6789 Datasheet(PDF) 32 Page - OKI electronic componets

Part # MSM6789
Description  SBC Solid-State Recorder IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6789 Datasheet(HTML) 32 Page - OKI electronic componets

Back Button MSM6789 Datasheet HTML 28Page - OKI electronic componets MSM6789 Datasheet HTML 29Page - OKI electronic componets MSM6789 Datasheet HTML 30Page - OKI electronic componets MSM6789 Datasheet HTML 31Page - OKI electronic componets MSM6789 Datasheet HTML 32Page - OKI electronic componets MSM6789 Datasheet HTML 33Page - OKI electronic componets MSM6789 Datasheet HTML 34Page - OKI electronic componets MSM6789 Datasheet HTML 35Page - OKI electronic componets MSM6789 Datasheet HTML 36Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
MSM6789A/6789L
¡ Semiconductor
PIN DESCRIPTIONS (for MSM6789A (5 V Version))
Symbol
Type
Description
DVDD
—
Digital power supply. Insert a bypass capacitor of 0.1
mF or more between this
pin and the DGND pin.
AVDD
—
Analog power supply. Insert a bypass capacitor of 0.1
mF or more between this
pin and the AGND pin.
DGND
—
Digital ground.
AGND
—
Analog ground.
SG, SGC
O
Output for analog circuit reference voltage (signal ground).
MIN
Inverting input of the built-in OP amplifier. The non-inverting input pin is
internally connected to SG (signal ground).
LIN
I
MOUT
Output of the built-in OP amplifier for MIN and LIN.
LOUT
O
AMON
O
Connected to the LOUT pin in the recording mode and to the DA converter
output in the playback mode. This pin connects the built-in LPF input (FIN pin).
FIN
I
FOUT
O
Output of the built-in LPF. This pin connects the AD converter input (ADIN pin).
ADIN
I
Input of the built-in 12-bit AD converter.
AOUT
O
Output of the built-in LPF. This pin outputs playback waveforms and connects
an external speaker drive amplifier.
This pin selects whether memory to be connected externally is DRAM or serial
register.
DRAM/SR
I
Low level
High level
This pin selects either 1-bit
¥ type DRAM or 4-bit ¥ type DRAM.
4B/1B
I
A0 (SADY)
These pins connect to A0 and A1 of DRAM at the time of DRAM selection. They also
connect to SAD pin of serial register and serial voice ROM at the time of serial
register selection. These pins output leading addresses of read/write.
A1 (SADX)
O
This pin connects to A2 of DRAM at the time of DRAM selection. It also connects
to TAS pin of serial register and serial voice ROM at the time of serial register selection.
This pin is used to set serial addresses from the SADX and SADY pins into the
internal address counter of the serial register and serial voice ROM.
A2 (TAS)
O
This pin connects to A3 of DRAM at the time of DRAM selection. It also connects
to the SAS pin of the serial register and the SASX and SASY pins of the serial voice
ROM at the time of serial register selection. Clock pin to write serial addresses.
A3 (SAS)
O
This pin connects to A4 of DRAM at the time of DRAM selection. It also connects
to the RWCK pin of the serial register and the RDCK pin of the serial voice ROM at
the time of serial register selection. Clock pin to read data from and write data into
the serial register.
A4 (RWCK)
O
Input of the built-in LPF.
: Serial register
: DRAM
Low level
High level
: 1-bit
¥ type
: 4-bit
¥ type
A10-A5
O
These pins connect to pins A5-A10 of DRAM at the time of DRAM selection.
These pins output addresses of read/write.
Pin
90
47
40, 55
54
48, 49
53
52
50
46
45
43
42
44
66
88
79
78
77
76
75
1-6
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com