Electronic Components Datasheet Search
  English  ▼

X  

MSM6789 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM6789
Description  SBC Solid-State Recorder IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6789 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM6789 Datasheet HTML 5Page - OKI electronic componets MSM6789 Datasheet HTML 6Page - OKI electronic componets MSM6789 Datasheet HTML 7Page - OKI electronic componets MSM6789 Datasheet HTML 8Page - OKI electronic componets MSM6789 Datasheet HTML 9Page - OKI electronic componets MSM6789 Datasheet HTML 10Page - OKI electronic componets MSM6789 Datasheet HTML 11Page - OKI electronic componets MSM6789 Datasheet HTML 12Page - OKI electronic componets MSM6789 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
¡ Semiconductor
MSM6789A/6789L
PIN DESCRIPTIONS (for MSM6789A (5 V Version)) (Continued)
Symbol
Type
Description
ROM
I
Playback Operation. When set to low, this pin selects the record/playback
operation (only for the SBC method). When set to high, it selects the ROM playback
operation (for the SBC and PCM methods).
REC/PLAY
I
Recording mode or playback mode selection. This pin is invalid during
the ROM playback operation. When set to low, it selects the playback mode.
When set to high, it selects the recording mode.
ST
I
Start Playback. When a low-level pulse is applied to this pin, the record/playback
or ROM playback is started.
Playback Pause. When a low-level pulse is applied to this pin, the record/playback
or ROM operation is stopped temporarily.
PAUSE
I
DEL
I
Phrase Delection. When a low level pulse is applied to this pin, all phrase deletion
or specified phrase deletion can be performed according to the setting of pins CA0
through CA5,
ch00:All phrase deletion
ch01 to ch3F:Specified phrase deletion
After power up, be sure to input a RESET signal and then delete all phrases.
After completing this procedure, start the record/playback operation.
Desired Phrase Specification.
A total of 63 phrases can be specified indepedently for the record/playback operation
and the ROM playback operation.
CA0-CA5
I
SP
I
Stop Playback.When a low-level pulse is applied to this pin, the record/playback
or ROM playback is stopped.
CA5 CA4 CA3 CA2 CA1 CA0
Phrase No.
Remarks
LLLLLL
ch00
All phrase deletion
LLLLL
H
ch01
..
.
..
.
..
.
..
.
..
.
ch02
LLLL
H
L
..
.
HHHHH
L
ch3E
HHHHHH
ch3F
A total of 63 phrases can
be used for both record
/playback and ROM
playback operation.
..
.
Pin
39
65
64
32
31
24-30
63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com