Electronic Components Datasheet Search
  English  ▼

X  

MSM6789 Datasheet(PDF) 41 Page - OKI electronic componets

Part # MSM6789
Description  SBC Solid-State Recorder IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6789 Datasheet(HTML) 41 Page - OKI electronic componets

Back Button MSM6789 Datasheet HTML 37Page - OKI electronic componets MSM6789 Datasheet HTML 38Page - OKI electronic componets MSM6789 Datasheet HTML 39Page - OKI electronic componets MSM6789 Datasheet HTML 40Page - OKI electronic componets MSM6789 Datasheet HTML 41Page - OKI electronic componets MSM6789 Datasheet HTML 42Page - OKI electronic componets MSM6789 Datasheet HTML 43Page - OKI electronic componets MSM6789 Datasheet HTML 44Page - OKI electronic componets MSM6789 Datasheet HTML 45Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 53 page
background image
¡ Semiconductor
MSM6789A/6789L
PIN DESCRIPTIONS (for MSM6789L (3.3 V Version)) (Continued)
Symbol
Type
Description
Mode Selection.
Low level : Stand-alone mode
High level : Microcontroller interface mode
PDWN
I
Power Down. When a low level is input the MSM6789L goes to the power down
state. Unlike the RESET pin, this pin does not force the MSM6789L to be reset.
When an Low level is applied to this pin during recording operation, the MSM6789L
is halted, and will be maintained in the power down state while PDWN is low level.
After this pin is restored to a high level, postprocessing for recording will be
performed.
RSEL1
I
RSEL2
I
MSEL2
MSEL1
RSEL2
RSEL1
Memory capacity
L
L
L
L
4M
¥ 1
L
L
L
H
4M
¥ 2
L
L
H
L
4M
¥ 3
L
L
H
H
4M
¥ 4
These pins select the number of serial registers to be connected
externallly.
MCUM
I
A high input level causes the MSM6789L to be initialized and to go into the power
down state.
RESET
I
Bidirectional data bus to transfer commands and data to and from an external
microcontroller.
D0
I/O
D1
D2
D3
Write Pulse Input. Inputting a low pulse to WR pin causes a command or data
to be input via D0 to D3 pins.
WR
I
Read Pulse Input. Inputting a low pulse to RD pin causes status bits or data to
be output via D0 to D3 pins.
RD
I
Chip Enable Input. When the CE pin is set to low level and the CE pin is set to a
high level, the write pulse (WR) or read pulse (RD) can be accepted.
When the CE pin is set to a high level or CE pin is set to a low level, the write pulse
(WR) and read pulse (RD) cannot be accepted so that data cannot be communicated
via D0 to D3 pins.
CE
CE
I
Pin
60
56
57
34
62
24
25
26
27
63
64
65
35
RPM. This pin outputs a high level during recording or playback operation. The
state of this pin is the same as the contents of the RPM bit of the status register.
RPM
O
Busy. This pin outputs a high level while a command is being executed. When this
pin is held high, do not apply any data to D0 to D3 pins. The state of this pin is the
same as the contents of the BUSY bit of the status register.
BUSY
O
30
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com