Electronic Components Datasheet Search
  English  ▼

X  

MSM6789 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM6789
Description  SBC Solid-State Recorder IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6789 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM6789 Datasheet HTML 7Page - OKI electronic componets MSM6789 Datasheet HTML 8Page - OKI electronic componets MSM6789 Datasheet HTML 9Page - OKI electronic componets MSM6789 Datasheet HTML 10Page - OKI electronic componets MSM6789 Datasheet HTML 11Page - OKI electronic componets MSM6789 Datasheet HTML 12Page - OKI electronic componets MSM6789 Datasheet HTML 13Page - OKI electronic componets MSM6789 Datasheet HTML 14Page - OKI electronic componets MSM6789 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 53 page
background image
¡ Semiconductor
MSM6789A/6789L
ABSOLUTE MAXIMUM RATINGS (for MSM6789A (5 V Version))
Parameter
Symbol
Rating
Condition
Unit
Power supply voltage
V DD
–0.3 to +7.0
Ta=25°C
V
Input voltage
V IN
–0.3 to VDD +0.3
Ta=25°C
V
Storage temperature
T STG
–55 to +150
—
°C
RECOMMENDED OPERATING CONDITIONS (for MSM6789A (5 V Version))
ELECTRICAL CHARACTERISTICS (for MSM6789A (5 V Version))
DC Characteristics
*1 Applies to all inputs excluding the XT pin.
*2 Applies to the XT pin.
*3 Applies to the input pins with pull-up resistor (ST, SP, PAUSE, DEL) excluding the XT pin.
*4 The record/playback operation must be performed at the power supply voltage of 4.5 to 5.5 V.
The MSM6789A operates at 3.5 to 5.5 V when the serial register is backed up.
Parameter
Symbol
Condition
High input voltage
V IH
—
Low input voltage
V IL
—
Min.
0.8
¥VDD
—
Typ.
—
—
Unit
V
V
Max.
—
0.2
¥VDD
High output voltage
V OH
IOH=–40 mA
V DD–0.3
—
V
—
Low output voltage
V OL
IOL=2 mA
—
—
V
0.45
High input current *1
IIH1
VIH=VDD
—
—
mA
10
High input current *2
IIH2
VIH=VDD
—
—
mA
20
Low input currcent *1
IIL1
VIL=GND
–10
—
mA
—
Low input current *2
IIL2
VIL=GND
–20
—
mA
—
Low input current *3
IIL3
VIL=GND
–400
—
mA
–20
Power down current
No load
Serial register connected
IDDS1
—
—
mA
10
—
200
mA
—
IDDS2
No load
DRAM connected
Operating current consumption
I DD
fOSC=8 MHz, no load
—
20
mA
35
DVDD=AVDD=4.5 to 5.5 V*4
DGND=AGND=0 V, Ta=0 to 70°C
Parameter
Symbol
Range
Condition
Unit
Power supply voltage
VDD
+3.5 to +5.5*4
DGND=AGND=0 V
V
Operating temperature
Top
0 to +70
—°C
Master clock frequencuy
fOSC
6.0 to 8.192
—
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com