Electronic Components Datasheet Search
  English  ▼

X  

MSM6789 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM6789
Description  SBC Solid-State Recorder IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6789 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM6789 Datasheet HTML 4Page - OKI electronic componets MSM6789 Datasheet HTML 5Page - OKI electronic componets MSM6789 Datasheet HTML 6Page - OKI electronic componets MSM6789 Datasheet HTML 7Page - OKI electronic componets MSM6789 Datasheet HTML 8Page - OKI electronic componets MSM6789 Datasheet HTML 9Page - OKI electronic componets MSM6789 Datasheet HTML 10Page - OKI electronic componets MSM6789 Datasheet HTML 11Page - OKI electronic componets MSM6789 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
MSM6789A/6789L
¡ Semiconductor
PIN DESCRIPTIONS (for MSM6789A (5 V Version)) (Continued)
Symbol
Type
Description
Mode Selection.
Low level : Stand-alone mode
High level : Microcontroller interface mode
PDWN
I
Power Down. When a low level is input, the MSM6789A goes to the power down
state. Unlike the RESET pin, this pin does not force the MSM6789A to be reset.
When a Low level is applied to this pin during recording operation, the MSM6789A
is halted, and will be maintained in the power down state while PDWN is low level.
After this pin is restored to a high level, postprocessing for recording will be performed.
Oscillator Connection. When an external clock is used, input the clock through
this pin. During the power down state, this pin must be set to the ground level.
XT
I
TEST
MSM6789A Test. Input a low level to the TEST pin and a high level to the TEST pin.
RSEL1
I
TEST
I
RSEL2
I
MSEL2
MSEL1
RSEL2
RSEL1
Memory capacity
LLLL
4M
¥ 1
LLL
H
4M
¥ 2
L
LHL
4M
¥ 3
L
L
H
H
4M
¥ 4
LHL
L
8M
¥ 1
LHLH
8M
¥ 2
LH
HL
8M
¥ 3
L
HHH
8M
¥ 4
• When serial register is selected (DRAM/SR = Low level)
MCUM
I
Oscillator Connection. When an external clock is used, this pin must be left
open.
XT
O
MSM6789A Test. This pin must be left open.
TMD3-TMD0
TDT7-TDT0
SYNC
I/O
Connect these pins to DQ1-DQ4 of DRAM at the time of 4-bit
¥ type DRAM
selection. Otherwise these pins must be left open as they are MSM6789A test pins.
TDT3-TDT0
[DQ4]-[DQ1]
I/O
MSM6789A Test. Input a low level signal.
TST
TCK
TMD4
I
This pin selects CAS-before-RAS refresh period of DRAM at the time of
power down when DRAM is selected.
Low level : 15 µs max.
High level : 125 µs max.
LOWPWR
I
A high input level causes the MSM6789A to be initialized and to go into the power
down state.
RESET
I
Pin
60
91
56
37
57
34
92
9-12
17-20
22
87
62
13-20
23
21
8
61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com