Electronic Components Datasheet Search
  English  ▼

X  

MSM6789 Datasheet(PDF) 40 Page - OKI electronic componets

Part # MSM6789
Description  SBC Solid-State Recorder IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6789 Datasheet(HTML) 40 Page - OKI electronic componets

Back Button MSM6789 Datasheet HTML 36Page - OKI electronic componets MSM6789 Datasheet HTML 37Page - OKI electronic componets MSM6789 Datasheet HTML 38Page - OKI electronic componets MSM6789 Datasheet HTML 39Page - OKI electronic componets MSM6789 Datasheet HTML 40Page - OKI electronic componets MSM6789 Datasheet HTML 41Page - OKI electronic componets MSM6789 Datasheet HTML 42Page - OKI electronic componets MSM6789 Datasheet HTML 43Page - OKI electronic componets MSM6789 Datasheet HTML 44Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 53 page
background image
MSM6789A/6789L
¡ Semiconductor
PIN DESCRIPTIONS (for MSM6789L (3.3 V Version))
Symbol
Type
Description
DVDD
—
Digital power supply. Insert a bypass capacitor of 0.1
mF or more between this
pin and the DGND pin.
AVDD
—
Analog power supply. Insert a bypass capacitor of 0.1
mF or more between this
pin and the AGND pin.
DGND
—
Digital ground.
AGND
—
Analog ground.
SG, SGC
O
Output for analog circuit reference voltage (signal ground).
MIN
Inverting input of the built-in OP amplifier. The non-inverting input pin is
internally connected to SG (signal ground).
LIN
I
MOUT
Output of the built-in OP amplifier for MIN and LIN.
LOUT
O
AMON
O
Connected to the LOUT pin in the recording mode and to the DA converter
output in the playback mode. This pin connects the built-in LPF input (FIN pin).
FIN
I
FOUT
O
Output of the built-in LPF. This pin connects the AD converter input (ADIN pin).
ADIN
I
Input of the built-in 12-bit AD converter.
AOUT
O
Output of the built-in LPF. This pin outputs playback waveforms and connects
an external speaker drive amplifier.
SADY
These pins connect to SAD pin of serial register and serial voice ROM. These pins
output leading addresses of read/write.
SADX
O
This pin connects to TAS pin of serial register and serial voice ROM. This pin is used
to set serial addresses from the SADX and SADY pins into the internal address
counter of the serial register and serial voice ROM.
TAS
O
This pin connects to the SAS pin of the serial register and the SASX and SASY pins
of the serial voice ROM. Clock pin to write serial addresses.
SAS
O
This pin connects to the RWCK pin of the serial register and the RDCK pin of the
serial voice ROM. Clock pin to read data from and write data into the serial register.
RWCK
O
Input of the built-in LPF.
Pin
90
47
40, 55
54
48, 49
53
52
50
46
45
43
42
44
79
78
77
76
75
51
WE
O
Write Enable. This pin connects to the WE pin of the serial register and DRAM.
This pin selects either read or write mode.
DI/O
I/O
Data I/O. This pin connects to the DIN and DOUT pins of the serial register and
DRAM. This pin is used to output write data and inputs read data.
DROM
I
Data ROM. This pin connects to the DOUT pin of the serial voice ROM.
CS1
Chip Slect. These pins connect CS pin of the serial register and the CS (CS1,
CS2, CS3) pins of the serial voice ROM.
CS3
O
CS4
MSEL1
I
These pins select the capacity of the memory to be connected externally.
CS2
MSEL2
I
74
73
85
81
58
59
82
83
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com