Electronic Components Datasheet Search
  English  ▼

X  

MSM6789 Datasheet(PDF) 33 Page - OKI electronic componets

Part # MSM6789
Description  SBC Solid-State Recorder IC
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6789 Datasheet(HTML) 33 Page - OKI electronic componets

Back Button MSM6789 Datasheet HTML 29Page - OKI electronic componets MSM6789 Datasheet HTML 30Page - OKI electronic componets MSM6789 Datasheet HTML 31Page - OKI electronic componets MSM6789 Datasheet HTML 32Page - OKI electronic componets MSM6789 Datasheet HTML 33Page - OKI electronic componets MSM6789 Datasheet HTML 34Page - OKI electronic componets MSM6789 Datasheet HTML 35Page - OKI electronic componets MSM6789 Datasheet HTML 36Page - OKI electronic componets MSM6789 Datasheet HTML 37Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 53 page
background image
¡ Semiconductor
MSM6789A/6789L
Symbol
Type
Description
WE
O
Write Enable. This pin connects to the WE pin of the serial register and DRAM.
This pin selects either read or write mode.
DI/O
I/O
Data I/O. This pin connects to the DIN and DOUT pins of the serial register and
DRAM. This pin is used to output write data and inputs read data.
DROM
I
Data ROM. This pin connects to the DOUT pin of the serial voice ROM.
RAS
O
This is a row address strobe pin of DRAM at the time of DRAM selection.
CAS0-
CAS7
O
These are the column address strobe pins of DRAM at the time of DRAM selection.
CAS7, an addresss output pin, is connected to pin A11 of DRAM at the time of 16-
Mbit DRAM selection.
CS1
Chip Slect. These pins connect CS pin of the serial register and the CS (CS1,
CS2, CS3) pins of the serial voice ROM.
CS3
O
CS4
MSEL1
I
These pins select the capacity of the memory to be connected externally.
These pins select the number of DRAMs and serial registers to be connected
externallly.
RSEL1
I
CS2
MSEL2
I
RSEL2
I
MSEL2
MSEL1
RSEL2
RSEL1
Memory capacity
LLLL
1M
¥ 4
LLL
H
4M
¥ 1
L
LHL
1M
¥ 8
L
L
H
H
1M
¥ 4 + 4M ¥ 1
LHL
L
4M
¥ 2
LHLH
4M
¥ 2
LH
HL
4M
¥ 3
L
HHH
4M
¥ 3
H
LLL
4M
¥ 4
H
L
L
H
16M
¥ 1
HLHL
4M
¥ 6
HLH
H
4M
¥ 6
H
H
L
L
4M
¥ 8
H
HLH
4M
¥ 8
H
H
H
L
16M
¥ 2
HHHH
16M
¥ 2
• When DRAM is selected (DRAM/SR = High level)
Pin
74
73
85
89
93-100
81
58
56
59
57
82
83
84
PIN DESCRIPTIONS (for MSM6789A (5 V Version)) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com