Electronic Components Datasheet Search
  English  ▼

X  

FS9704B Datasheet(PDF) 29 Page - Fortune Semiconductor Corp.

Part # FS9704B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9704B Datasheet(HTML) 29 Page - Fortune Semiconductor Corp.

Back Button FS9704B Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 33Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
FS970X
Rev. 4.4
29/46
Interrupt
read SUM2<15:0>
SUM2<0>
=0 or 1
SUM2<0>=1
SUM2<0>=0
D
x=
SUM2<15:0>-D
os
D
x=
D
os-SUM2<15:0>
Wait for next
interrupt
Cal and Display
Graph 13. The flow-Chart of operation and display of fast ADC output.
The output frequency of fast ADC is the same as the first zero-point frequency of COMB2. When sampling
frequency
S
f
=166 kHz, if set TPS2<1:0>=11, then, the output frequency will be about 650 Hz.
11..3
Scale-type resistance measurement and Analog Bargraph
FS970X is equipped with fast ADC output SUM2. In the application of DMM, it can be used for Analog
Bargraph display.
However, as shown in Formula 6, when performing the scale-type resistor measurement, the reference voltage
of feeding ADC is no longer a constant value. Thus, the equivalent digital value
os
D
of the offset voltage is no
longer a constant value, either. It varies with resistor. The method of deduction of
os
D
when performing the
calculation, as described in Section 8.5.2, is no longer adequate.
As shown in Graph 14, the reference voltage below 5 M varies between the range of 0.8 V~1.2 V. According
to Formula 4, the
os
D
will vary dramatically, and cause problems to the Analog Bargraph.
Generally speaking, the Analog Bargraph display is approx. 50 digits. The accuracy requirement is not strict;
thus, the problem can be solved by using section approximation. That is to say, when measuring the resistor,
the operation of the Analog Bargraph can be processed under the following three conditions:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com