Electronic Components Datasheet Search
  English  ▼

X  

FS9704B Datasheet(PDF) 5 Page - Fortune Semiconductor Corp.

Part # FS9704B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9704B Datasheet(HTML) 5 Page - Fortune Semiconductor Corp.

  FS9704B Datasheet HTML 1Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 2Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
FS970X
Rev. 4.4
5/46
1.
General Description
FS970X is a series of Digital Multi-function Meter (DMM) front-end chip. The core is a high resolution Σ-Δ ADC,
combined with function network, operation amplifier, comparator, digital filter, crystal oscillator circuit, digital
control logic and micro processor interface.
FS970X ADC includes not only high-resolution output to achieve accurate measurement, but high-speed ADC
output to display the bar graph of digital meter and to measure +/- peak hold.
Combined with a micro processor, FS970X can function as an auto-range DMM to measure DC/AC voltage,
DC/AC current, resistance, frequency, peak hold and diode, etc. In addition, it includes several sets of
programmable ADC direct input to expand product applicability (such as pressure function, temperature
function, etc….)
There are two operation amplifiers built in FS970X to act as high impedance buffer and DC/AC converter when
measuring AC voltage. These two amplifiers are with other functions as well even not acting as DC/AC
converter. One of them can be connected to external resistor to build a x10 amplify circuit. The reading from the
x10 signal into the ADC can still be of accuracy due to the excellent noise immunity of the amplifier.
FS9701B
5000 / 5
640 / 500
5
FS9704B
80000 / 5
640 / 800
5
Chart 1. FS970X A/B series chips
There are two different versions of FS970X with different specifications and functions. With the same micro
processor FSμP01 chip (programs), customers can easily and quickly develop different levels of DMM.
2.
Features
General Features (FS9701A/B as an example)
1) Built-in high resolution Δ-Σ ADC
2) 5,000 counts, high-resolution low-speed input, 5 times / sec.
3) 500 counts, low resolution, high-speed input, 640 times / sec.
4) Built-in voltage regulator with 9V input, 3.2V output
5) Under DC voltage, power consumption is under 1.2mA
6) Standby saving mode
7) Low battery detection
8) Good CMRR at 50/60HZ
9) Built-in crystal oscillator circuit
10) 2.5 kHz beeper driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com