Electronic Components Datasheet Search
  English  ▼

X  

FS9704B Datasheet(PDF) 33 Page - Fortune Semiconductor Corp.

Part # FS9704B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9704B Datasheet(HTML) 33 Page - Fortune Semiconductor Corp.

Back Button FS9704B Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 35Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 36Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 37Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
FS970X
Rev. 4.4
33/46
13. Microprocessor interface
970x can directly connect to any microprocessor by CS_. WR_. RD_. ALE. AD3. AD2. AD1. AD0, and IRQO
pins. It can also control read / write functions of registers, and handle interrupt.
Control register
The control registers are all 8-bit register, input-output port and for microprocessor to read and write. And the
control register will be reset to the initial value of 0 when connecting to the RST_ pin of the chip.
The primary function of the control register is to provide the microprocessor to write to the control setting of the
chip. Hence, it controls all the action of the chip. It can also read the value and for the use of detection.
AFT<7:0>
SCP<7:0>
SIN<7:0>
SRF<7:0>
RGD<7:0>
7
CPN<1>
MSB
ENSCHMT
EXTD
CAPM
0
CMPEN1
6
5
4
3
2
1
0
LSB
BPFTR
SINL<2:0>
SRFH<1:0>
SRFL<2:0>
SOSR<1:0>
SCMPL<1:0>
SCMPH<3:0>
RANGE<3:0>
SINH<3:0>
MODE<3:0>
CPN<0>
Name
Address
00
01
02
03
04
05
ADG<7:0>
ENAD
06
SETADC
MISC1<7:0>
TPS2<1:0>
ENVDS
MISC2<7:0>
FQRST_
PKHRST_
TPS1<1:0>
07
08
Block
R
o
u
t
e
r
ADC
ENVCS
MISC
RCTEN
ACDIV
ACEN
FTR
DTON
CYS<1:0>
INT
09
INTRG<7:0>
INSTA<3:0>
INTEN<3:0>
ADG<5:0>
ENXTL_
ENOSCO_
TBDIV
FSDIV
ENBP
ENLBS
ENGNDR_
CNTBP
LBO
CMP1
0
BPACBF
ENCP_
CMPEN2
CPVR
CMP2
Chart 18
. The corresponding address table of all control and interrupt register of the chip.
There are, in total, nine (9) 00~08 addresses of control line or register; as shown in Chart 18. The functions of
each address are briefly illustrated in the Chart 19.
Register
Function
Reference
RGD<7>0>
Controls the on/off status of the measurement mode and decay
network of function network
As described in
Section 7.1
SIN<7:0>
Controls the path and the pre-filter of signal input amplifier of ADC Chart 9 and Chart 10
SRF<5:0>
Controls the path and the pre-filter of reference voltage of ADC
Chart 11 and Chart
12
SRF<7:6>
Output option of Ω power supply
Chart 8
SCP<7:0>
Controls the path & enable control of the multiplexers at the
front-end of comparator
Chart 13 and Chart
14
AFT<7:0>
The enable control of on/off status & operation amplifier in some
function networks
Graph 5
AFT<3>
When ENSCHMT = 1, the Schmidt trigger function of enable
comparator
Section 7.5
ADG<5:0>
The gain setting of ADC input
Section 8.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com