Electronic Components Datasheet Search
  English  ▼

X  

FS9704B Datasheet(PDF) 22 Page - Fortune Semiconductor Corp.

Part # FS9704B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9704B Datasheet(HTML) 22 Page - Fortune Semiconductor Corp.

Back Button FS9704B Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 20Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 21Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 26Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
FS970X
Rev. 4.4
22/46
Operation Amplifier and Comparator
The block composed by operation amplifier and comparator include AC buffer block, full-wave rectifiers block,
and comparator block.
ACDIV
ACBUF
ACEN
90 k 
10 k 
ACDIV
BPACBF
CMPH
ACBO
AGND
38
37
Graph 6. AC buffer block.
As shown in Graph 6, buffer block is controlled by ACBUF and ACDIV. It becomes a gain network when
connecting with an external resistor. Whether ACBUF works or not can be directly controlled by ACEN. When
ACEN=0, it turns off the buffer and the output becomes high impedance.
Signal enters through CMPH, and flows out from ACBO or the 37th pin ACB. ACDIV can at the same time
controls the gain. If ACDIV=0, the gain of the buffer is 1. If ACDIV=1, the gain of the buffer is determined by
the external network resistor. In Typical Application Circuit, the gain becomes 10.
When the gain is 1, the 100 kHz side wave flowing through the buffer will be reduced to lower than 0.5%. The
bandwidth of AC is limited by the frequency response of full-wave rectifier.
If the signal bandwidth is higher than100 kHz, let BPACBF=1, it will change the output source to the 38th pin
(ACA) instead of AC buffer.
EXTD
EXTD
15 k 
RCTOP
RCTEN
15 k 
12.3k 
RCTP
RCTN
RCTO
ACLO
ACHO
38
40
41
43
42
Graph 7. Full-wave rectifier switch block
`



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com