Electronic Components Datasheet Search
  English  ▼

X  

FS9704B Datasheet(PDF) 26 Page - Fortune Semiconductor Corp.

Part # FS9704B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9704B Datasheet(HTML) 26 Page - Fortune Semiconductor Corp.

Back Button FS9704B Datasheet HTML 22Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 23Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 24Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 25Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 26Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 30Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
FS970X
Rev. 4.4
26/46
With suitable gain option control, all kinds of measurement can be applied to the best dynamic range of ADC.
Chart 15 shows the setup of three typical functions and ADG<5:0> in the application of DMM.
1st function 2nd function 3rd function
ADG<5:0>
01_0011
11_0111
11_1000
Reference voltage gain(GREFi)
1.0
1.25
1.25
Input voltage gain(GSIGi)
1.0
1.25
0.1
Chart 15
970x Typical ADC function setup.
The measurement transfer functions of each function is:
Formula 7
ref
x
REFi
SIGi
x
v
v
G
G
D
The reference voltage of each function and the gain approximation of the input voltage are shown in Chart 15.
The actual precise gain value and offset voltage should be obtained from calibration.
Digital Filter
As shown in Graph 9, the 1-bit output from the comparator must go through a digital low-pass filter and perform
calculation similar to arithmetic average to become a high-resolution multi-bit resolution. The transfer function
of digital filter used by 970x is:
Formula 8
 
H f
N
N f f
f f
S
S


1
2
2
sin
sin
Whereas, N is the number of the filter (TAP).
Assuming the sampling frequency of the ADC is 166kHz and the number of the filter is 16600, the frequency
response Graph of the filter is shown as Graph 9. The first zero-point would be found at:
Formula 9
f
f
N
Z
S
1
166000 Hz
16600
10 Hz
Thereafter, all the integer multiple points of the first zero-point occur zero-point. The signal around the
zero-point will be completely filtered out by the filter. So the frequency responses as shown in Graph 12, all
have good suppressing effect to the noise of 50 Hz and 60 Hz. By the same token, assuming the sampling
frequency is 83kHz, and the number of the filter is still 16600, then, the first zero-point position can be
calculated as 5 Hz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com