Electronic Components Datasheet Search
  English  ▼

X  

FS9704B Datasheet(PDF) 8 Page - Fortune Semiconductor Corp.

Part # FS9704B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9704B Datasheet(HTML) 8 Page - Fortune Semiconductor Corp.

Back Button FS9704B Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 11Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 12Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
FS970X
Rev. 4.4
8/46
5.
Block-diagram
PC or
Microprocessor
(master)
Pow er Regulator
&
Low Battery Detector
Oscillator
&
Colck generator
Function, Range
Routers, Opamps,
Comparators
&
Ohm Source
AC-to-DC
external
netw ork
High resolution  ADC
&
input volatge buffers
VDD AGND VSS
Microprocessor
Interface
&
Control Logic
Digital Signal Processing
(Counters, Filters & Control Logic)
Regulation
netw ork & precise
zenner diode
DMM
Signal
Conditioning
Netw ork
Input
Crystal
9 V Battery
VBAT
VBAT
VBAT
VCC
6.
Packaging & Pins
LQFP 64 Pin Definition
FS970x
LQ 64
(14 mm x 14 mm/10 mm x 10 mm)
60
50
51
54
59
58
49
63
64
55
56
57
61
53
62
22
21
23
25
24
30
31
32
27
26
29
28
DVO
VDDP
VCC
VCC
VCC
VCCS
OSCO
NC
NC
CMP2
CMP1
FCNTI
VBAT
ONEM
TENM
HUNK
ONEK
TENK
VDDA
SMV
SA
FTB
FTA
SDB
AGND
SGND
52
20
19
18
17
FTC
VSSA
ADRF
VCCR
VDDS
GNDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com