Electronic Components Datasheet Search
  English  ▼

X  

FS9704B Datasheet(PDF) 16 Page - Fortune Semiconductor Corp.

Part # FS9704B
Description  5,000/50,000 counts DMM analog front end.
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9704B Datasheet(HTML) 16 Page - Fortune Semiconductor Corp.

Back Button FS9704B Datasheet HTML 12Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 13Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 14Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 15Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 16Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 17Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 18Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 19Page - Fortune Semiconductor Corp. FS9704B Datasheet HTML 20Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
FS970X
Rev. 4.4
16/46
10. Function Network
COMMON
10K
0.99
0.01
uA
10A
SA
mA+uA
ONEM
HUNK
TENK
ONEK
TENM
10M
1M
100K
10K
1K
DCV+ACV
DCV + OHM
+CAP
PTC
FUSE
VOLT+OHM+
DT+CAP
DCmV + OHM
+ CAP + DT
900
K
SMV
1 M
SDB
DCV + ACV + DT
CPN
AGND
AGND
OHM + CAP
99
mA
30K
ACDIV
INH
FCNT
60K
CPN<1>
1M
27nF
FTR
FTR
AGND
10K
AGND
CMPEN1
SGND
CPN<0>
ACH
SA
SGND
SMV
SDV
SDB
tenm<0>
INL
OSRMUX
TBDIV
AX5
Vrefh
tenm<1>
onem<0>
onem<1>
hunk<0>
hunk<1>
tenk<0>
tenk<1>
onek<0>
onek<1>
AFT<7:0>
SCP<7:0>
SIN<7:0>
SRF<7:0>
RGD<7:0>
7
ACEN
SCMPH<3:0>
MSB
BPFTR
RCTEN
SCMPL<1:0>
CMPEN1
0
ENSCHMT
6
5
4
3
2
1
0
LSB
SINL<2:0>
SRFH<1:0>
SRFL<2:0>
RANGE<3:0>
MODE<3:0>
SINH<3:0>
SCP
AFT
SIN
SRF
RGD
EXTD
0000_0000
0000_0000
0000_0000
0000_0000
0000_0000
FUNCTION
FUN1,2
FUN1
FUN2
EXCEPT CAP
AGND
10 uF
RCTOP
ACBUF
CMP1
OSRC
SCV
osr
CMP1
CAPTG
ACEN
CMPH
sdt
BPFTR
ACDIV
ACBO
FTR
ACDIV
CPN<1>
SOSR<1:0>
CPN<0>
CMPHMUX
SA
SMV
SDV
ADRF
CMPH
SCMPH<3:0>
Vcntd1
CAPM
Vsrc1
Vcapd1
Vcapd2
Vcapc2
Vcapc1
SGND
osr
osr
OSRC
AX1
AX2
CMPH
ADRF
1.5K
DT
VB+
VSRC
Vcntd
Vsrc1
Vcapd1
Vcapd2
Vcapc2
Vcapc1
Vrfh
REFH
AGND
FUNCTION
DECODER
onek<2:0>
tenk<2:0>
hunk<2:0>
onem<2:0>
tenm<1:0>
sdt
vsr
cap
RANGE<3:0>
MODE<3:0>
endvo
cntd
CAPTG
CAPTG
14K
15K
15K
1 M
27 nF
ACL
AGND
ADRF
REFH
DVO
SDV
endvo
vsr
TBDIV
SOSR1:0
BPACBF
onek<2>
tenk<2>
hunk<2>
onem<2>
tenm<1>
INHMUX
SDV
SA
SGND
SDB
ACH
AX5
ADRF
AX1
AX2
AX3
FTIN
INLMUX
SGND
SCV
SDV
SDB
AX2
INL
SINH<3:0>
SINL<2:0>
AX4
AX3
AX4
ACL
SMV
ACBO
CMPH
VRH
VRL
VRHMUX
ADRF
SCV
SMV
VRH
SRFH<1:0>
AX3
VRLMUX
AGND
SCV
SMV
AX3
VRL
SRFL<2:0>
AX4
AGND
SDB
LBS
CMPLMUX
SCMPL<1:0>
AGND
Vsrc1
CMPL
Vcapc2
Vrfh
cap
cap
CAPMUX
Vcapc1
Vcapc2
Vcapd2
Vcapd1
CAPM
CAPTG
CAPL
Vcntd1
cntd
RCTEN
VRH
VRL
CPL
17
24
23
35
36
41
43
42
39
40
37
38
29
25
49
28
30
22
21
20
19
18
16
33
62
(VDD)
OSRO
330
pF
AGND
100 K
DCmV
DCmV
FCNTI
CMP2
CMP2
CMPEN2
CMPEN2
CMPEN2
AX2
63
61
Graph 5. FS970X function network diagram
Function Network, as shown in Graph 5, includes six major parts: function decoder, area network switch, fixed
voltage generator, Ohm power supply, multiplexers and pre-filter, operation amplifier and comparator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com