Electronic Components Datasheet Search
  English  ▼

X  

FS9721B Datasheet(PDF) 3 Page - Fortune Semiconductor Corp.

Part # FS9721B
Description  2,400 counts auto range DMM IC,
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721B Datasheet(HTML) 3 Page - Fortune Semiconductor Corp.

  FS9721B Datasheet HTML 1Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 2Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
FS9721B
Rev. 1.7
3/35
1
Description
FS9721B is a high performance, low power consumption, 3⅔ digits (2400 Counts) Analog/Digital
Converter (ADC+MCU) that is embedded microprocessor. It contains 8 bit microprocessor, low noise and
high stability operation amplifier, AC conmutation operation amplifier, voltage promotion and voltage
regulated power source, high stability bandgap, auto measurement switch and function control circuit,
buzzer driver circuit, clock oscillator circuit, Backlight display control circuit, LCD display driver circuit and
so on.
Due to FS9721B is embedded microprocessor so that it can control the logic function during passing
I/O. Measurement functions can be combined differently by using MEA1〜MEA4 pins code; through the
setting to the code can build the fully auto measurement meter. There are Range, Select, Hold/BLCTR, Rel,
Hz/Duty, RS232 and Reset keys so that you can fulfil measurement selection, functions switch, data hold,
Backlight display, relative value, frequency and duty cycle measurement, data transmission, reset and so
on functions through these keys.
FS9721B has series data output function. User can connect the meter to computer to record, analysis,
process and print the measured data.
With regard to the auto power off function, when there is no action within 30 minutes on the switch or
keys of the meter, the system will enter the sleep mode automatically to save the power. In the process of
using the meter, if it is not necessary to power off automatically, the function can also be cancelled in use.
FS9721B is manufacted by large intergrated circuit technology that has rised hugely the reliability of
product and made the design be easy and the volume be small; the system takes low power voltage so as
to be low power consumption and is convenient to use the power supply of battery, especially is proper for
the use on the palm mode meter.
FS9721B is a multi-measurement AC/DC converter that embedded the microprocessor. Only less
addition of external components, you can constitute a high accuracy, mult-function and low cost meter.
2
Features
Maximum Display: 2400 (3⅔ digits).
Converter Rate: 3 times/sec.
The Negative Instruction: Auto.
Power Voltage Range: 2.4V〜3.6V.
Chip Power Consumption: ≤6mW.
Low Battery Warning: About 2.4 V.
Buzzer Driver Circuit (Frequency is about 2.7kHz).
RS232 Serial Data Output.
Embedded OPAMP for DC/AC switch.
Function Keys: Range, Select, Hold/BLCTR, Rel, Hz/Duty, RS232, Reset.
Unit Symbol and Backlight Display.
Auto Power-off.
3
Measurable Modes
DC Voltage: 240.0mV, 2.400V, 24.00V, 240.0V, 1000V.
AC Voltage: 240.0mV, 2.400V, 24.00V, 240.0V, 1000V.
DC: 240.0μA/ 2400μA,24.00mA/ 240.0mA,2.400A, 10.00A.
AC: 240.0μA/ 2400μA,24.00mA/ 240.0mA,2.400A, 10.00A.
Resistance: 240.0Ω,2.400kΩ,24.00kΩ,240.0kΩ,2.400MΩ,24.00MΩ.
Capacitance: 2.500nF,25.00nF,250.0nF,2.500μF,25.00μF.
Frequency: 5.000Hz, 50.00Hz, 500.0Hz, 5.000kHz, 50.00kHz, 500.0kHz, 5.000MHz
Duty Cycle: 0.1%〜99.9%.
Diode: 0V〜1.5 V.
Short Circuit Testing: Sound when lower than 50Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com