Electronic Components Datasheet Search
  English  ▼

X  

FS9721B Datasheet(PDF) 5 Page - Fortune Semiconductor Corp.

Part # FS9721B
Description  2,400 counts auto range DMM IC,
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721B Datasheet(HTML) 5 Page - Fortune Semiconductor Corp.

  FS9721B Datasheet HTML 1Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 2Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
FS9721B
Rev. 1.7
5/35
7
Pin Description
Package
100
Pad
78
SYMBOL
I/O
Description
1
1
OP2N
I
Negative Input of DC/AC Converter Operation Amplifier
2
NC
Empty Pin
3
2
OP2O
O
Output of DC/AC Converter Operation Amplifier
4
3
ADIP
I
ADC Positive Input of AC Measurement
5
NC
Empty Pin
6
4
ADIN
I
ADC Negative Input of AC Measurement
7
NC
Empty Pin
8
5
SA
I
ADC Input of Current Measurement
9
6
SGND
I
ADC Negative Input of Analog Ground Connection
10
7
ADP
I
Extra ADC Positive Input
11
8
DT
I/O
Voltage Division Resistance Connect Point of Diode Measurement
12
NC
Empty Pin
13
9
SMV
I
High Resistance Voltage Input/ ADC Positive Input of Resistance
Measurement/ Voltage Division Resistance Connect Point of Diode
Measurement
14
10
CRES1
I/O
Wave Filter Capacitance Connect Point of Measuring Point of
Resistance Measurement
15
11
RL
I
Reference Voltage Negative Input of Resistance Measurement
16
12
NC
Empty Pin
17
13
RCAP
I/O
Calibrating Resistance Connect Point of Capacitance Measurement
18
14
ONEK
I/O
Resistance 1.001kΩ Connect Point of Voltage and Resistance
Measurement
19
NC
Empty Pin
20
15
TENK
I/O
Resistance 10.010kΩ Connect Point of Voltage and Resistance
Measurement
21
NC
Empty Pin
22
16
HUNK
I/O
Resistance 101.010kΩ Connect Point of Voltage and Resistance
Measurement
23
NC
Empty Pin
24
17
ONEM
I/O
Resistance 1.111MΩ Connect Point of Voltage and Resistance
Measurement
25
NC
Empty Pin
26
18
TENM
I/O
Resistance 10.000MΩ Connect Point of Voltage and Resistance
Measurement
27
19
CRES2
I/O
Regulating Capacitance Connect Point of Voltage and Resistance
Measurement
28
20
TSTB
I
Not Used
29
21
ADPC1
I
Maximum Input Voltage 240mV/24mV Selection (See 10.4)
30
22
ADPC2
I
DC/AC Selection of Measurement Signal (See 10.4)
31
23
SELECT
I
Measurement Function Selection
32
24
RANGE
I
Auto/Manual Measurement Selection
33
25
REL
I
Relative Value Measurement
34
26
HOLD
I
Display Hold/Backlight Control
35
27
HZ/DUTY
I
Frequency/Duty Cycle Measurement Selection
36
28
CAP
I
Capacitance Measurement Function Selection (See 10.1)
37
29
MEA4
I
Measurement Function Selection
38
30
MEA3
I
Measurement Function Selection
39
31
MEA2
I
Measurement Function Selection
40
32
MEA1
I
Measurement Function Selection
41
33
LCDC1
I
Segment 14 LCD Symbol Control 1 (See 10.3)
42
34
LCDC2
I
Segment 14 LCD Symbol Control 2 (See 10.3)
43
35
TSTA
I
Test Terminal
44
36
VSS
I
Negative Input of Power
45
NC
Empty Pin
46
37
AGND
I
Ground Connect Point of Analog Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com