Electronic Components Datasheet Search
  English  ▼

X  

FS9721B Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS9721B
Description  2,400 counts auto range DMM IC,
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721B Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

Back Button FS9721B Datasheet HTML 3Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 4Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 5Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 6Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 7Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 8Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 9Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 10Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 11Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
FS9721B
Rev. 1.7
7/35
8
Dice Pad Layout & Pad Coordinate
Substrate should be connected to VSS.
Pad opening: 90µm.
Chip size: 3.24mm×2.58mm.
Diagram 3
78PIN Dice
Pad
No.
Name
X[mm]
Y[mm]
Pad
No.
Name
X[mm]
Y[mm]
1
OP2N
0.264
0.077
40
CB
2.974
2.495
2
OP2O
0.404
0.077
41
CA
2.834
2.495
3
ADIP
0.544
0.077
42
VGG
2.694
2.495
4
ADIN
0.669
0.077
43
VDDA
2.569
2.495
5
SA
0.794
0.077
44
RLCD
2.444
2.495
6
SGND
0.919
0.077
45
XIN
2.319
2.495
7
ADP
1.044
0.077
46
XOUT
2.194
2.495
8
DT
1.169
0.077
47
TXD
2.069
2.495
9
SMV
1.294
0.077
48
SEG14
1.923
2.495
10
CRES1
1.419
0.077
49
SEG13
1.798
2.495
11
RL
1.544
0.077
50
SEG12
1.673
2.495
12
N.C
1.669
0.077
51
SEG11
1.548
2.495
13
RCAP
1.794
0.077
52
SEG10
1.423
2.495
14
ONEK
1.919
0.077
53
SEG9
1.298
2.495
15
TENK
2.044
0.077
54
SEG8
1.173
2.495
16
HUNK
2.169
0.077
55
SEG7
1.048
2.495z
17
ONEM
2.294
0.077
56
SEG6
0.923
2.495



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com