Electronic Components Datasheet Search
  English  ▼

X  

FS9721B Datasheet(PDF) 33 Page - Fortune Semiconductor Corp.

Part # FS9721B
Description  2,400 counts auto range DMM IC,
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721B Datasheet(HTML) 33 Page - Fortune Semiconductor Corp.

Back Button FS9721B Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 35Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
FS9721B
Rev. 1.7
33/
35
FS9721B/Q100 Measurement Mode Select:
MEA4 MEA3 MEA2 MEA1 Mode
Select (1
0
1)
Hz/duty (1
0
1)
1
1
1
1
DC/AC Voltage
(including DC mV mode)
DC/AC Switch
Hz/Duty/Voltage
Switch
1
1
0
1
Resistance/Diode
/Cont./Capacitance
CAP=1:
Resistance/Diode /Cont.
CAP=0:
Resistance/Diode
/Cont./Capacitance
1
0
1
0
DC Voltage
(no DC mV voltage mode)
Hz/Duty/Voltage
Switch
1
0
0
1
AC Voltage
Hz/Duty/Voltage
Switch
1
0
1
1
DC mV mode
Hz/Duty/Current
Switch
1
0
0
0
10A *4
AC/DC Switch
Hz/Duty/
Current
Switch
1
1
1
0
mA *4
AC/DC Switch
Hz/Duty/
Current
Switch
1
1
0
0
uA *4
AC/DC Switch
Hz/Duty/
Current
Switch
0
1
1
1
Capacitance Mode
0
1
0
1
Hz/Duty Cycle *1
Hz/Duty
0
0
D1
D0
ADP *2
0
1
1
0
ADP *3
1.
Hz and Duty Cycle measurements take ADP measuring path as input terminal.
2.
ADP is single ADC positive input point. The range of measuring voltage is ±200mV. LCD
decimal location is decided by D1 and D0. 11 means no decimal, 01 means 20.00, 10 means
200.0 and 00 means 2.000 that display with one unit.
3.
ADP can be 200.0mV/20.00mV autoranging to display respectively 2000 and 200.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com