Electronic Components Datasheet Search
  English  ▼

X  

FS9721B Datasheet(PDF) 32 Page - Fortune Semiconductor Corp.

Part # FS9721B
Description  2,400 counts auto range DMM IC,
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS9721B Datasheet(HTML) 32 Page - Fortune Semiconductor Corp.

Back Button FS9721B Datasheet HTML 27Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 28Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 29Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 30Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 31Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 32Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 33Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 34Page - Fortune Semiconductor Corp. FS9721B Datasheet HTML 35Page - Fortune Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
FS9721B
Rev. 1.7
32/
35
17.2.7
SW-DIP8: (If switch SW to ON, it is Low Level)
CAP
Function mode (MEAS
1101)
1
Ohm / Diode / Cont.
0
Ohm / Diode / Cont. / CAP
MEA4
MEA3
MEA2
MEA1
Function mode
1
1
1
1
DC/AC Voltage (including DC mV
mode)
1
1
0
1
Resistance/Diode
/Cont./Capacitance
1
0
1
0
DC Voltage (no DC mV mode)
1
0
0
1
AC Voltage
1
0
1
1
DC mV mode
1
0
0
0
10A
1
1
1
0
mA
1
1
0
0
uA
0
1
1
1
Capacitance Mode
0
1
0
1
Hz/Duty
0
0
D1
D0
ADP
0
1
1
0
ADP
* LCDC1 and LCDC2 can control LCD symbol. It shows as below in demo board:
LCDC1 LCDC2 LCD Symbol
0
0
T1
1
0
hFE
0
1
℃
1
1
T2
17.2.8 SW2-DIP2: (If switch SW to ON, it is Low Level)
ADPC1
Function mode (MEAS
0 0 D1 D0)
1 Pin = 1
Input (25m~250mV)
1 Pin = 0
Input (2mV~25mV)
ADPC2
Function mode (MEAS
0 0 D1 D0)
2 Pin = 1
DC measurement
2 Pin = 0
AC measurement
17.2.9 SW3-DIP2: (If switch SW to ON, it is Low Level) * Pin2 Don’t care
1 Pin
Function
1 Pin = 1
RS232 mode off
1 Pin = 0
RS232 mode on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com