Electronic Components Datasheet Search
  English  ▼

X  

MSM7575 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM7575
Description  Multi-Function PCM CODEC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7575 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM7575 Datasheet HTML 1Page - OKI electronic componets MSM7575 Datasheet HTML 2Page - OKI electronic componets MSM7575 Datasheet HTML 3Page - OKI electronic componets MSM7575 Datasheet HTML 4Page - OKI electronic componets MSM7575 Datasheet HTML 5Page - OKI electronic componets MSM7575 Datasheet HTML 6Page - OKI electronic componets MSM7575 Datasheet HTML 7Page - OKI electronic componets MSM7575 Datasheet HTML 8Page - OKI electronic componets MSM7575 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4/25
¡ Semiconductor
MSM7575
PIN AND FUNCTIONAL DESCRIPTIONS
AIN1+, AIN1–, AIN2, GSX1, GSX2
Transmit analog input and the output for transmit gain adjustment. The pin AIN1– (AIN2)
connects to the inverting input of the internal transmit amplifier, and the pin AIN1+ connects to
the non-inverting input of the internal transmit amplifier. The pin GSX1 (GSX2) connects to
output of the internal transmit amplifier. Gain adjustment should be referred to Fig. 1.
VFRO, AOUT+, AOUT–, PWI, SAO, RINGC
Used for the receive analog output and the output for receive gain adjustment. VFRO is an
output of the receive filter. AOUT+ and AOUT– are differential analog signal outputs which can
directly drive Z
L = 350 W + 120 nF or the 1.2 kW load. Gain adjustment should be referred to Fig.
1.
The ORed signal with the control register data CR4-B5 and the external pin RINGC determines
the output pins (AOUT+ and AOUT- /SAO+ and SAO-) for the speech signal and an acoustic
component of the sounder tone, DTMF tone, R tone, F tone, various kinds of tones at either the
VFRO pin or the SAO pin.
Figure 1 Analog Input/Output Interface
Transmit Gain: VGSX2/Vi
= (R2/R1)
¥ (R4/R3)
AIN1–
GSX1
R2
C1
to ENCODER
R1
from
DECODER
Differential
Analog
Output
Receive Gain: Vo/VVFRO
= 2
¥ (R6/R5)
ZL = 120 nF
+ 350
W
AIN2
GSX2
R4
C2
R3
AOUT–
PWI
R6
VFRO
R5
AOUT+
AIN1+
–1
–
+
–
+
–
+
C1
R1
R2
VREF
SG
+
–
10
mF
0.1
mF
Differential
Analog Input
Vi
VO
Sounder Output
Signal
SAO
+1
SELECT
RINGC
TOUT1
TOUT2
TOUT3
–
+
from MCU INT.
from MCU INT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com