Electronic Components Datasheet Search
  English  ▼

X  

MSM7575 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7575
Description  Multi-Function PCM CODEC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7575 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM7575 Datasheet HTML 3Page - OKI electronic componets MSM7575 Datasheet HTML 4Page - OKI electronic componets MSM7575 Datasheet HTML 5Page - OKI electronic componets MSM7575 Datasheet HTML 6Page - OKI electronic componets MSM7575 Datasheet HTML 7Page - OKI electronic componets MSM7575 Datasheet HTML 8Page - OKI electronic componets MSM7575 Datasheet HTML 9Page - OKI electronic componets MSM7575 Datasheet HTML 10Page - OKI electronic componets MSM7575 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
7/25
¡ Semiconductor
MSM7575
PCMRI
Receive PCM data input.
This PCM input signal is shifted on the falling edge of BCLK and input from MSB.
BCLK
Shift clock input for the PCM data (PCMSO, PCMRI).
The frequency is set in the range of 64 kHz to 2048 kHz.
XSYNC
8 kHz synchronous signal input for Transmit PCM data.
This signal should be synchronized with BCLK. XSYNC is used for indicating MSB of the
transmit serial PCM.
Be sure to input the XSYNC signal because it is also used as the input of the timing circuit and
the clock source of the tone generator.
RSYNC
8 kHz synchronous signal input for Receive PCM data.
This signal should be synchronized with BCLK signal. RSYNC is used for indicating the MSB
of the receive serial PCM.
Figure 3 PCM Interface Basic Timing Diagram
BCLK
XSYNC
PCMSO
RSYNC
PCMRI
MSB
LSB
MSB
LSB
8kHz
(125
ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com