Electronic Components Datasheet Search
  English  ▼

X  

MSM7575 Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM7575
Description  Multi-Function PCM CODEC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7575 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM7575 Datasheet HTML 14Page - OKI electronic componets MSM7575 Datasheet HTML 15Page - OKI electronic componets MSM7575 Datasheet HTML 16Page - OKI electronic componets MSM7575 Datasheet HTML 17Page - OKI electronic componets MSM7575 Datasheet HTML 18Page - OKI electronic componets MSM7575 Datasheet HTML 19Page - OKI electronic componets MSM7575 Datasheet HTML 20Page - OKI electronic componets MSM7575 Datasheet HTML 21Page - OKI electronic componets MSM7575 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18/25
¡ Semiconductor
MSM7575
FUNCTIONAL DESCRIPTION
Control Registers
(1) CR0 (Basic operating mode)
A/
m SEL
Initial Value
CR0
MCK SEL
PDN ALL
PDN TX
PDN RX
—
LNR
PDN
SAO/AOUT
0
0000000
B7
B6
B5
B4
B3
B2
B1
B0
Note) "Initial": Reset state by PDN/RESET
B7 ...PCM Companding law select:
0/
µ-law, 1/A-law
B6 ...Master clock frequency select:
0/9.600 MHz, 1/19.200 MHz
B5 ...Power down (whole system):
0/Power on, 1/Power down
When using this data for power down control, pin PDN/RESET should be set at
“H”level. The control registers are not reset by this signal.
B4 ...Power down (Transmit only):
0/Power on, 1/Power down
B3 ...Power down (Receive only including the op-amps of GSX3, GSX4 and comparator): 0/
Power on, 1/Power down
B2 ...Not used
B1 ...PCM interface linear code select:
0/Companding law selected by CR0-B7
1/14-bit Linear code (2's complement) in spite of the value of CR0-B7
B0 ...Power Down for Sounder output amps: (SAO), or Receiver output amp (AOUT, VFRO ):
When this data is set to digital “1”, the circut which is not selected by CR4-B5 are at the
power down state.
When this data is set to digital "0", sounder amplifiers and receiver amplifiers are in the
power-on state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com