Electronic Components Datasheet Search
  English  ▼

X  

MSM7575 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM7575
Description  Multi-Function PCM CODEC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7575 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM7575 Datasheet HTML 7Page - OKI electronic componets MSM7575 Datasheet HTML 8Page - OKI electronic componets MSM7575 Datasheet HTML 9Page - OKI electronic componets MSM7575 Datasheet HTML 10Page - OKI electronic componets MSM7575 Datasheet HTML 11Page - OKI electronic componets MSM7575 Datasheet HTML 12Page - OKI electronic componets MSM7575 Datasheet HTML 13Page - OKI electronic componets MSM7575 Datasheet HTML 14Page - OKI electronic componets MSM7575 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
11/25
¡ Semiconductor
MSM7575
ELECTRICAL CHARACTERISTICS
DC and Digital Interface Characteristics
Parameter
Power Supply Current
Input High Voltage
Input Low Voltage
Output Low Voltage
Output Leakage Current
Input Capacitance
Symbol
IDD1
IDD2
VIH
VIL
VOL
IO
Condition
Operating Mode, (VDD = 3.0 V)
Power Down Mode, (VDD = 3.0 V)
—
—
1 LSTTL, Pull-up: 500
W
PCMSO
Min.
—
—
0.45
¥VDD
0.0
0.0
—
Typ.
8
0.01
—
—
0.2
—
Max.
6
0.1
VDD
0.16
¥VDD
0.4
10
Unit
mA
mA
V
V
V
mA
CIN
—
—5—
pF
(VDD = 2.7 V to 3.6 V, Ta = –25°C to +70°C)
Output Resistance
ROSG SG
—2550
k
W
Input Leakage Current
IIH
IIL
VI = VDD
VI = 0 V
—
—
—
—
2.0
0.5
mA
mA
Output High Voltage
VOH
IOH = 0.4 mA
IOH = 1 mA
0.5
¥ VDD
0.8
¥ VDD
—
—
VDD
VDD
V
V
Transmit Analog Interface Characteristics
Parameter
Input Resistance
Output Load Resistance
Output Load Capacitance
Output Amplitude
Input Offset Voltage
Symbol
RINX
RLGX
CLGX
VOGX
VOFGX
Condition
AIN1+ , AIN1– , AIN2
Min.
10
20
—
—
–20
Typ.
—
—
—
—
—
Max.
—
—
100
1.30 (*1)
20
Unit
M
W
k
W
pF
VPP
mV
GSX1, GSX2
GSX1, GSX2
GSX1, GSX2, RL = 20 kW
Pre–OPAMPs
(VDD = 2.7 V to 3.6 V, Ta = –25°C to +70°C)
*1 –7.7 dBm (600 W) = 0 dBm0, + 3.17 dBm0 = 1.30 VPP (m-law Selected)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com