Electronic Components Datasheet Search
  English  ▼

X  

MSM7575 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM7575
Description  Multi-Function PCM CODEC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7575 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM7575 Datasheet HTML 1Page - OKI electronic componets MSM7575 Datasheet HTML 2Page - OKI electronic componets MSM7575 Datasheet HTML 3Page - OKI electronic componets MSM7575 Datasheet HTML 4Page - OKI electronic componets MSM7575 Datasheet HTML 5Page - OKI electronic componets MSM7575 Datasheet HTML 6Page - OKI electronic componets MSM7575 Datasheet HTML 7Page - OKI electronic componets MSM7575 Datasheet HTML 8Page - OKI electronic componets MSM7575 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1/25
¡ Semiconductor
MSM7575
¡ Semiconductor
MSM7575
Multi-Function PCM CODEC
GENERAL DESCRIPTION
The MSM7575, developed for advanced digital cordless telephone systems, is a single channel
full duplex CODEC which performs mutual transcoding between the analog voice band signal
and the 64 kbps PCM serial data.
This device performs DTMF tone and several kinds of tone generation, transmit/receive data
mute and gain control, side-tone pass and its gain control, and VOX function.
Using advanced circuit technology, this device operates from a single 3 V power supply and
provides low power consumption.
FEATURES
•
•
•
•
• Single 3 V Power Supply Operation
VDD: 2.7 V to 3.6 V
•
•
•
•
• Transmit/Receive Full-Duplex Single Channel Operation
•
•
•
•
• Transmit/Receive Synchronous Mode Only
•
•
•
•
• PCM Interface Data Format :
A-law/
µ-law/linear (2's complement) Selectable
•
•
•
•
• Serial PCM Transmission Data Rate :
64 kbps to 2048 kbps
•
•
•
•
• Low Power Consumption
Operating Mode :
24 mW Typ. (VDD = 3.0 V)
Power-Down Mode :
0.03 mW Typ. (VDD = 3.0 V)
•
•
•
•
• Two Analog Input Amplifier Stages:
Externally Gain Adjustable
•
•
•
•
• Analog Output Stage
Push-pull Drive (direct drive of 350 W + 120 nF)
•
•
•
•
• Master Clock Frequency :
9.600/19.200 MHz Selectable
•
•
•
•
• Transmit/Receive Mute, Transmit/Receive Programmable Gain Control
•
•
•
•
• Side Tone Path with Programmable Attenuation
(8-step Level Adjustment)
•
•
•
•
• Built-in DTMF Tone Generator
•
•
•
•
• Built-in Various Ringing Tones Generator
•
•
•
•
• Built-in Various Ring Back Tone Generator
•
•
•
•
• Control by Serial MCU Interface
•
•
•
•
• Built-in VOX Control
Transmit side
:
Voice/Silence Signal Detect
Receive side
:
Background Noise Generation
•
•
•
•
• Built-in Op-amps and Analog Switches for Various Analog Interfaces.
•
•
•
•
• Package:
64-pin plastic QFP
(QFP64-P-1414-0.80-BK)(Product name : 7575GS-BK)
E2U0025-29-82
This version: Aug. 1999
Previous version: Jan. 1998


Similar Part No. - MSM7575

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7570 OKI-MSM7570 Datasheet
1Mb / 27P
5V Sinlge-Rail ADPCM CODECs
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
MSM7570L-01 OKI-MSM7570L-01 Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
MSM7570L-02 OKI-MSM7570L-02 Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
MSM7570L-XX OKI-MSM7570L-XX Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
More results

Similar Description - MSM7575

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6895 OKI-MSM6895 Datasheet
224Kb / 43P
Multi-Function PCM CODEC
MSM7502 OKI-MSM7502 Datasheet
196Kb / 35P
Multi-Function PCM CODEC
MSM7570-01 OKI-MSM7570-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
MSM7570L-01 OKI-MSM7570L-01 Datasheet
174Kb / 26P
Multi-Function ADPCM CODEC
MSM7590L-01 OKI-MSM7590L-01 Datasheet
173Kb / 26P
Multi-Function ADPCM CODEC
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
PCM CODEC
logo
OKI electronic componet...
MSM7503 OKI-MSM7503 Datasheet
242Kb / 41P
Multi-Function PCM CODEC
logo
Texas Instruments
TLV320AIC1106PWR TI-TLV320AIC1106PWR Datasheet
538Kb / 19P
PCM CODEC
TLV320AIC1106 TI1-TLV320AIC1106_14 Datasheet
550Kb / 20P
PCM CODEC
TLV320AIC1110 TI1-TLV320AIC1110_14 Datasheet
1,016Kb / 41P
PCM CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com