Electronic Components Datasheet Search
  English  ▼

X  

MSM7575 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM7575
Description  Multi-Function PCM CODEC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7575 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM7575 Datasheet HTML 2Page - OKI electronic componets MSM7575 Datasheet HTML 3Page - OKI electronic componets MSM7575 Datasheet HTML 4Page - OKI electronic componets MSM7575 Datasheet HTML 5Page - OKI electronic componets MSM7575 Datasheet HTML 6Page - OKI electronic componets MSM7575 Datasheet HTML 7Page - OKI electronic componets MSM7575 Datasheet HTML 8Page - OKI electronic componets MSM7575 Datasheet HTML 9Page - OKI electronic componets MSM7575 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6/25
¡ Semiconductor
MSM7575
SG, SGB
Analog signal ground output.
The output voltage is about 1.4 V. The bypass capacitors (10
µF in parallel with 0.1 µF ceramic
type) should be put between this pin and AG to get the specified noise characteristics. This
output voltage is 0 V during power-down.
AG
Analog ground.
DG
Digital ground.
This ground is separated from the analog signal ground(AG) in this device. The DG pin must be
kept as close to the AG pin possible on the PCB.
VDD
+3 V power supply.
PDN/RESET
Power down and reset control input.
“L” level makes the whole chip enter to power down state, and, at the same time, all of control
register data are reset to the initial state. Set this pin to “H” level during normal operating mode.
The power down state is controlled by a logical OR with CR0-B5 of the control register. When
using the pin PDN/RESET for the power down and reset control, CR0-B5 should be set to digital
“0”.
MCK
Master clock input.
The frequency must be 9.6 MHz or 19.2 MHz. The applied clock frequency is selected by the
control register data CR0-B6. The master clock signal is allowed to be asynchronous with BCLK,
XSYNC, and RSYNC.
PCMSO
Transmit PCM data output.
This PCM output signal is output from MSB in synchronization with the rising edge of BCLK or
XSYNC. A pull-up resistor must be connected to this pin, because this output is configuared as
an open drain.
During power down, this output is at high impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com