Electronic Components Datasheet Search
  English  ▼

X  

MSM7575 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM7575
Description  Multi-Function PCM CODEC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7575 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM7575 Datasheet HTML 4Page - OKI electronic componets MSM7575 Datasheet HTML 5Page - OKI electronic componets MSM7575 Datasheet HTML 6Page - OKI electronic componets MSM7575 Datasheet HTML 7Page - OKI electronic componets MSM7575 Datasheet HTML 8Page - OKI electronic componets MSM7575 Datasheet HTML 9Page - OKI electronic componets MSM7575 Datasheet HTML 10Page - OKI electronic componets MSM7575 Datasheet HTML 11Page - OKI electronic componets MSM7575 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8/25
¡ Semiconductor
MSM7575
Voice Input
GSX2
VOXO
VOXI
Voice Output
VFRO
TVXON
Presence
Detect
TVXOFF
Absence
Detect (Hang-over time)
Normal Voice Signal
Decoded Time period
Background
Noise
(a) Transmit VOX Function Timing Diagram
(b) Receive VOX Function (CR6-B3: digital "0") Timing Diagram
(Presence)
(Presence)
(Presence)
(Absence)
(Absence)
(Presence)
Note: VOXO, VOXI function become valid when setting CR6-B7 to digital “1”.
Figure 4 VOX Function
VOXO
Transmit VOX function signal output.
VOX function is to recognize the presence or absence of the transmit voice signal by detecting the
signal energy. “H” and “L” levels set to this pin correspond to the presence and the absence,
respectively. This result appears also at the register data CR7-B7. The signal energy detect
threshold is set by the control register data CR6-B6, B5.
VOXI
Signal input for receive VOX function.
The “H” level at VOXI indicates the presence of voice signal, the decoder block processes normal
receive signal, and the voice signal appears at analog output pins . The “L” level indicates the
absence of voice signal, the background noise generated in this device is transferred to the analog
output pins. The background noise amplitude is set by the control register CR6. Because this
signal is ORed with the register data CR6-B3, the control register data CR6-B3 should be set to
digital “0”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com