Electronic Components Datasheet Search
  English  ▼

X  

MSM7728 Datasheet(PDF) 21 Page - OKI electronic componets

Part # MSM7728
Description  Single Rail Linear CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7728 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button MSM7728 Datasheet HTML 15Page - OKI electronic componets MSM7728 Datasheet HTML 16Page - OKI electronic componets MSM7728 Datasheet HTML 17Page - OKI electronic componets MSM7728 Datasheet HTML 18Page - OKI electronic componets MSM7728 Datasheet HTML 19Page - OKI electronic componets MSM7728 Datasheet HTML 20Page - OKI electronic componets MSM7728 Datasheet HTML 21Page - OKI electronic componets MSM7728 Datasheet HTML 22Page - OKI electronic componets MSM7728 Datasheet HTML 23Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
¡ Semiconductor
MSM7728
21/23
APPLICATION INFORMATION
Digital pattern for 0 dBm0
The digital pattern for 0 dBm0 is shown below.
(SYNC frequency = 8 kHz, signal frequency = 1 kHz)
Sample No.
S1
S2
S3
S4
S5
S6
S7
S8
MSD D2
D3
D4
D5
D6
D7
D8
D9 D10 D11 D12 D13 D14
0
0
0
0
1
1
1
1
0
1
1
0
1
0
0
1
1
0
0
1
0
1
1
0
0
1
1
0
1
0
0
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
1
1
0
1
0
0
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
1
1
1
1
1
1
0
0
0
0
0
1
1
0
1
0
0
1
1
1
1
1
0
0
0
0
1
0
0
1
0
1
1
0
SG
S1
S2
S3
S4
S5
S6
S7
S8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com