Electronic Components Datasheet Search
  English  ▼

X  

MSM7728 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM7728
Description  Single Rail Linear CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7728 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM7728 Datasheet HTML 4Page - OKI electronic componets MSM7728 Datasheet HTML 5Page - OKI electronic componets MSM7728 Datasheet HTML 6Page - OKI electronic componets MSM7728 Datasheet HTML 7Page - OKI electronic componets MSM7728 Datasheet HTML 8Page - OKI electronic componets MSM7728 Datasheet HTML 9Page - OKI electronic componets MSM7728 Datasheet HTML 10Page - OKI electronic componets MSM7728 Datasheet HTML 11Page - OKI electronic componets MSM7728 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
¡ Semiconductor
MSM7728
8/23
ABSOLUTE MAXIMUM RATINGS
Parameter
Power Supply Voltage
Analog Input Voltage
Digital Input Voltage
Storage Temperature
Symbol
VDD
VAIN
VDIN
TSTG
Condition
AG = DG = 0 V
AG = DG = 0 V
AG = DG = 0 V
—
Rating
–0.3 to +7.0
–0.3 to VDD + 0.3
–0.3 to VDD + 0.3
–55 to +150
Unit
V
V
V
°C
RECOMMENDED OPERATING CONDITIONS
Parameter
Power Supply Voltage
Operating Temperature
Analog Input Voltage
High Level Input Voltage
Low Level Input Voltage
Clock Frequency
Sync Pulse Frequency
Clock Duty Ratio
Digital Input Rise Time
Digital Input Fall Time
Sync Signal Timing
High Level Sync Pulse Width *1
Low Level Sync Pulse Width *1
PCMIN Setup Time
PCMIN Hold Time
Digital Output Load
DCLK Pulse Width
WRN Timing
Symbol
VDD
Ta
VAIN
VIH
VIL
FC
FS
DC
tIr
tIf
tXS
tWSH
tDS
tDH
RDL
tWCL
tWR1
tSX
CDL
tWCH
tWR2
Condition
—
—
Gain = 1
SYNC, BCLK, PCMIN, WRN,
RDN, DCLK, CDIN, RSTN
BCLK
SYNC
BCLK
SYNC, BCLK, PCMIN, WRN,
RDN, DCLK, CDIN, RSTN
BCLKÆSYNC, See Fig.1
SYNC, See Fig.1
Refer to Fig.1
Refer to Fig.1
Pull-up resistor
DCLK Low width, See Fig.2
DCLKÆWRNL, See Fig.2
SYNCÆBCLK, See Fig.1
—
DCLK High width, See Fig.2
WRNLÆDCLK, See Fig.2
Min.
2.5
–30
—
0.45 ¥
VDD
0
14 ¥ Fs
4.0
40
—
—
100
1 BCLK
100
100
0.5
50
50
100
—
50
50
Typ.
3.0
+25
—
—
—
—
8.0
50
—
—
—
—
—
—
—
—
—
—
—
—
—
Max.
3.6
+85
1.4
VDD
0.16 ¥
VDD
128 ¥ Fs
12
60
50
50
—
—
—
—
—
—
—
—
100
—
—
Unit
V
°C
VPP
V
V
kHz
kHz
%
ns
ns
ns
—
ns
ns
kW
ns
ns
ns
pF
tWSL
SYNC, See Fig.1
1 BCLK
—
—
—
tWR3
DCLKÆWRNH, See Fig.2
50
—
—
tWR4
WRNHÆDCLK, See Fig.2
50
—
—
PWRN
9DCLK
—
—
WRN Period
—
—
ns
*1 For example, the minimum pulse width of SYNC is 488 ns when the frequency of BCLK is
2048 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com