Electronic Components Datasheet Search
  English  ▼

X  

MSM7728 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM7728
Description  Single Rail Linear CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7728 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM7728 Datasheet HTML 9Page - OKI electronic componets MSM7728 Datasheet HTML 10Page - OKI electronic componets MSM7728 Datasheet HTML 11Page - OKI electronic componets MSM7728 Datasheet HTML 12Page - OKI electronic componets MSM7728 Datasheet HTML 13Page - OKI electronic componets MSM7728 Datasheet HTML 14Page - OKI electronic componets MSM7728 Datasheet HTML 15Page - OKI electronic componets MSM7728 Datasheet HTML 16Page - OKI electronic componets MSM7728 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
¡ Semiconductor
MSM7728
13/23
AC Characteristics (Continued)
DIS
4.6 kHz to
30
32
—
dB
Discrimination
0
0 to 4000 Hz
S
300 to
—
–37.5
–35 dBm0
Out-of-band Spurious
0
4.6 kHz to 100 kHz
IMD
fa = 470
—
–52
–40 dBm0
Intermodulation Distortion
–4
2fa – fb
PSR T
0 to
—30—
dB
Power Supply Noise Rejection Ratio
50 mVPP
PSR R
72 kHz
3400
fb = 320
50 kHz
Condition
Parameter
Symbol
Min. Typ. Max. Unit
Level
(dBm0)
Freq.
(Hz)
(Fs = 8 kHz, VDD = 2.5 V to 3.6 V, Ta = –30°C to +85°C)
V PB
V RT
DfPB
DfRT
Gv11
Gv12
Gv13
Gv21
Gv22
Gv23
Gv24
Gv25
Gv26
Gv27
Gv31
Gv32
Gv33
Gv34
Gv35
Gv36
Gv37
PB Acknowledge Tone Output Level
Service Tone Output Level
PB Acknowledge Tone
Frequency Distortion
Service Tone Frequency Distortion
VOL1
Gain Setting Value
VOL2
Gain Setting Value
VOL3
Gain Setting Value
–27
–22
–19
–28
–23
–20
–16
–11
–8
–17
–12
–9
–18
–15
–13
–8
–3
–1
–1.5
—
+1.5
–1.5
—
+1.5
567
–7
–6
–5
–13
–12
–11
567
234
–4
–3
–2
–7
–6
–5
–10
–9
–8
–13
–12
–11
–16
–15
–14
10.5
12
13.5
6.5
8
9.5
2.5
4
5.5
–5.5
–4
–2.5
–9.5
–8
–6.5
–13.5
–12
–10.5
–17.5
–16
–14.5
6dBsetting
–6dBsetting
–12dBsetting
6dBsetting
3dBsetting
–3dBsetting
–6dBsetting
–9dBsetting
–12dBsetting
–15dBsetting
12dBsetting
8dBsetting
4dBsetting
–4dBsetting
–8dBsetting
–12dBsetting
–16dBsetting
High group
Low group
High group
Low group
SPKP, EAR
VOL3 standard
TOUT
TOUT
—
VOL3 standard
Measured inband
SPKP, EAR
Referenced to
0dB setting
1020
0
Referenced to
0dB setting
1020
0
Referenced to
0dB setting
1020
0
dBV
dBV
%
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com