Electronic Components Datasheet Search
  English  ▼

X  

MSM7728 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM7728
Description  Single Rail Linear CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7728 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM7728 Datasheet HTML 1Page - OKI electronic componets MSM7728 Datasheet HTML 2Page - OKI electronic componets MSM7728 Datasheet HTML 3Page - OKI electronic componets MSM7728 Datasheet HTML 4Page - OKI electronic componets MSM7728 Datasheet HTML 5Page - OKI electronic componets MSM7728 Datasheet HTML 6Page - OKI electronic componets MSM7728 Datasheet HTML 7Page - OKI electronic componets MSM7728 Datasheet HTML 8Page - OKI electronic componets MSM7728 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
¡ Semiconductor
MSM7728
1/23
¡ Semiconductor
MSM7728
Single Rail Linear CODEC
GENERAL DESCRIPTION
The MSM7728 is a single-channel linear CODEC CMOS IC for voice signals that contains filters
for A/D and D/A conversions.
Designed especially for a single-power supply and low-power applications, the device is
optimized for applications for the analog interfaces of audio signal processing DSPs and digital
wireless systems.
The analog outputs include the speaker drive output, earphone drive output and ringer output.
Therefore, the sound interface can be configured with a few external circuits.
FEATURES
• Single power supply
: 2.5 V to 3.6 V
• Low power consumption
Operating mode
: 36 mW Typ.
Power down mode
: 0.003 mW Typ.
• Digital signal input/output interface
: 14-bit serial code in 2's complement format
• Transmission clock frequency
: 112 kHz min., 2048 kHz max.
• Filter characteristics
: Complies with ITU-T Recommendation G.714
• Built-in PLL eliminates a master clock
• Built-in PB tone signal generator
• Built-in service tone generator
• Built-in ringer tone generator
• General latch output: 1 bit
• Both transmit and receive gain adjustable by external control
• Receive interface: Speaker direct drive output
Earphone interface output
: 600 W, 1 mW max.
Ringer output
: 70 nF, 4 VPP
• Transmit gain adjustable using an external resistor
• Transmit microphone amplifier is eliminated by the gain setting of a maximum of 36 dB.
• Built-in reference voltage supply
• Serial 8-bit processor interface
• Package:
30-pin plastic SSOP (SSOP30-P-56-0.65-K) (Product name: MSM7728GS-K)
E2U0053-28-81
This version: Aug. 1998
Previous version: Apr. 1997


Similar Part No. - MSM7728

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7702 OKI-MSM7702 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7702-01MS-K OKI-MSM7702-01MS-K Datasheet
129Kb / 17P
Single Rail CODEC
MSM7702-02 OKI-MSM7702-02 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7702-03 OKI-MSM7702-03 Datasheet
129Kb / 17P
Single Rail CODEC
More results

Similar Description - MSM7728

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
Single Rail CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
Single Rail CODEC
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7716 OKI-MSM7716 Datasheet
163Kb / 22P
Single Rail Linear CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
Single Rail CODEC
MSM7716P OKI-MSM7716P Datasheet
155Kb / 23P
Single Rail Linear CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com