Electronic Components Datasheet Search
  English  ▼

X  

MSM7728 Datasheet(PDF) 18 Page - OKI electronic componets

Part # MSM7728
Description  Single Rail Linear CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7728 Datasheet(HTML) 18 Page - OKI electronic componets

Back Button MSM7728 Datasheet HTML 14Page - OKI electronic componets MSM7728 Datasheet HTML 15Page - OKI electronic componets MSM7728 Datasheet HTML 16Page - OKI electronic componets MSM7728 Datasheet HTML 17Page - OKI electronic componets MSM7728 Datasheet HTML 18Page - OKI electronic componets MSM7728 Datasheet HTML 19Page - OKI electronic componets MSM7728 Datasheet HTML 20Page - OKI electronic componets MSM7728 Datasheet HTML 21Page - OKI electronic componets MSM7728 Datasheet HTML 22Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
¡ Semiconductor
MSM7728
18/23
CR4 - - - PB tone control
A2
A1
A0
B4
B3
B2
B1
B0
Function
Remarks
1
0
0
PBtone 697Hz, 1209Hz
Output destination of
PB tone:
EAR
SPKP
SPKN
PB OFF after reset is
released
1
0
0
HEX
Code
0
0
9 0h
PBtone 697Hz, 1336Hz
10001
9 1h
PBtone 697Hz, 1477Hz
10010
9 2h
PBtone 697Hz, 1633Hz
10011
9 3h
PBtone 770Hz, 1209Hz
10100
9 4h
PBtone 770Hz, 1336Hz
10101
9 5h
PBtone 770Hz, 1477Hz
10110
9 6h
PBtone 770Hz, 1633Hz
10111
9 7h
PBtone 852Hz, 1209Hz
11000
9 8h
PBtone 852Hz, 1336Hz
11001
9 9h
PBtone 852Hz, 1477Hz
11010
9 Ah
PBtone 852Hz, 1633Hz
11011
9 Bh
PBtone 941Hz, 1209Hz
11100
9 Ch
PBtone 941Hz, 1336Hz
11101
9 Dh
PBtone 941Hz, 1477Hz
11110
9 Eh
PBtone 941Hz, 1633Hz
11111
9 Fh
PBtone OFF
00000
8 0h
CR5 - - - Service tone control
A2 A1 A0 B4 B3 B2 B1 B0
Make Time
101
1
0
0
HEX
Code
10001 B 1h
10010 B 2h
10100 B 4h
10101 B 5h
10110 B 6h
11001 B 9h
11010 B Ah
11011 B Bh
00000 A 0h
Break Time1 Break Time2
Remarks
Intermittent Time (Note1)
Frequency
—
0.125sec 0.125sec
B 0h
0
0
400Hz
—
0.5sec
0.5sec
400Hz
—
0.25sec
0.25sec
400Hz
—
Continuous
—
400Hz
—
Continuous
—
1000Hz
—
Continuous
—
2000Hz
—
1sec
2sec
400Hz/16Hz
—
0.5sec
•
400Hz/16Hz
—
0.032sec 0.032sec
400Hz/16Hz
Above tones stop
Output
destination
of PB tone:
EAR
SPKP
SPKN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com