Electronic Components Datasheet Search
  English  ▼

X  

MSM7728 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7728
Description  Single Rail Linear CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7728 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button MSM7728 Datasheet HTML 3Page - OKI electronic componets MSM7728 Datasheet HTML 4Page - OKI electronic componets MSM7728 Datasheet HTML 5Page - OKI electronic componets MSM7728 Datasheet HTML 6Page - OKI electronic componets MSM7728 Datasheet HTML 7Page - OKI electronic componets MSM7728 Datasheet HTML 8Page - OKI electronic componets MSM7728 Datasheet HTML 9Page - OKI electronic componets MSM7728 Datasheet HTML 10Page - OKI electronic componets MSM7728 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
¡ Semiconductor
MSM7728
7/23
WRN, RDN, DCLK, CDIN, CDOUT
Serial control ports for microcontroller interface.
Writing data to 8-bit control registers allows controling the transmit speech path/receive speech
path mute, transmit speech path/receive speech path level, PB tone, service tone, and ringer.
WRN is the write control signal input, RDN is the read control signal input, DCLK is the clock
signal input for data shift, CDIN is the control data input, CDOUT is the control data output.
When reset (RSTN=0), the control registers are reset to the initial values as described in "Control
Data Description".
The initial values remains unchanged until control data is written after reset.
Writing of control data: When WRN is at digital "0", data that is entered in CDIN is shifted at the
rising edge of the DCLK signal pulse and is latched in an internal control register.
Reading of control data: When RDN is at digital "0", control data is output from CDOUT at the
rising edge of a DCLK signal pulse.
See Figure 2 for write and read timings.
RINGP, RINGN
Ringer (sounder) drive outputs.
The sounder can be structured by putting a piezo-electric type sounding body (equivalent
capacitance: less than 70nF) between RINGP and RINGN.
LED
Ringer digital level output. This pin is used for LED blinking synchronous with the ringer.
LA
General latch output. This output is used as a control signal for a peripheral circuit because this
output can be set to digital "0" or "1" by writing data from a microcontroller interface.
TOUT
PB tone/service tone output. When SW6 is in the ON state, tone is output.
The output resistance of this pin is approximately 10kW, which should be taken into account
when using it externally.
RSTN
Control register reset signal input. When this pin is set to digital "0" level.
All control registers are reset to the initial values.
Be sure to reset the control registers after turning on the power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com