Electronic Components Datasheet Search
  English  ▼

X  

MSM7728 Datasheet(PDF) 4 Page - OKI electronic componets

Part # MSM7728
Description  Single Rail Linear CODEC
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7728 Datasheet(HTML) 4 Page - OKI electronic componets

  MSM7728 Datasheet HTML 1Page - OKI electronic componets MSM7728 Datasheet HTML 2Page - OKI electronic componets MSM7728 Datasheet HTML 3Page - OKI electronic componets MSM7728 Datasheet HTML 4Page - OKI electronic componets MSM7728 Datasheet HTML 5Page - OKI electronic componets MSM7728 Datasheet HTML 6Page - OKI electronic componets MSM7728 Datasheet HTML 7Page - OKI electronic componets MSM7728 Datasheet HTML 8Page - OKI electronic componets MSM7728 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
¡ Semiconductor
MSM7728
4/23
PIN AND FUNCTIONAL DESCRIPTIONS
VDD
Power supply pin for 2.5 to 3.6 V (Typically 3.0 V).
AG
Analog signal ground.
DG
Ground pin for the digital signal circuits.
This ground is separated from the analog signal ground in this device. The DG pin must be
connected to the AG pin on the printed circuit board.
SGC
Bypass capacitor pin for generating the signal ground voltage level.
Insert a 0.1 mF capacitor with excellent high frequency characteristics between the AG pin and
the SGC pin.
MAIN, MAO
Transmit microphone input and level adjustment.
MAIN is connected to the inverting input of the op-amp, and MAO is connected to the output
of the op-amp. This amplifier can set up a gain to a maximum of 36dB by using an external
resistor.
Level adjustment should be performed in a way below.
A transmit level of +6, 0, –6, or –12dB can be selected using control data from the processor
interface.
When CODEC is turned off, the MAO output goes high impedance.
–
+
MAIN
C1
Microphone input
R1 : variable
R2 > 20 kW
C1 > 1/(2 ¥ 3.14 ¥ 30 ¥ R1) (F)
Gain = R2/R1 < 63
R2
MAO
R1
SG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com