Electronic Components Datasheet Search
  English  ▼

X  

TP4056X Datasheet(PDF) 3 Page - Billiton Ltd.

Part # TP4056X
Description  1 A linear lithium ion battery charger
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP4056X Datasheet(HTML) 3 Page - Billiton Ltd.

  TP4056X Datasheet HTML 1Page - Billiton Ltd. TP4056X Datasheet HTML 2Page - Billiton Ltd. TP4056X Datasheet HTML 3Page - Billiton Ltd. TP4056X Datasheet HTML 4Page - Billiton Ltd. TP4056X Datasheet HTML 5Page - Billiton Ltd. TP4056X Datasheet HTML 6Page - Billiton Ltd. TP4056X Datasheet HTML 7Page - Billiton Ltd. TP4056X Datasheet HTML 8Page - Billiton Ltd. TP4056X Datasheet HTML 9Page - Billiton Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
南京拓微集成电路有限公司
TP4056X
3
REV_1.0
典型应用
VCC
BAT
CE
TP4056X
CHRG
STDBY
TEMP
PROG
VCC=5V
0.4Ω
10uF
GLED
RLED
1K
1K
6
7
8
4
1
2
5
Rprog
R2
R1
10uF
Bat-
Bat+
NTC
LI-lon
3
封装/订购信息
8 CE
7 CHRG
6 STDBY
5 BAT
VCC 4
TEMP 1
PROG 2
GND 3
8 引脚 ESOP 封装(底部带有散热片)
订单型号
TP4056X-42-ESOP8
器件标记
TP4056X
实物图片
8 CE
7 CHRG
6 STDBY
5 BAT
VCC 4
TEMP 1
PROG 2
GND 3
8 引脚 EMSOP 封装(底部带有散热片)
订单型号
TP4056X-42-EMSOP8
器件标记
TP4056X
实物图片



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com