Electronic Components Datasheet Search
  English  ▼

X  

TP8305B Datasheet(PDF) 4 Page - Billiton Ltd.

Part # TP8305B
Description  High Efficiency TensIon-Flow Limited WLED Drive
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIC [Billiton Ltd.]
Direct Link  http://www.tp-asic.com/
Logo ASIC - Billiton Ltd.

TP8305B Datasheet(HTML) 4 Page - Billiton Ltd.

  TP8305B Datasheet HTML 1Page - Billiton Ltd. TP8305B Datasheet HTML 2Page - Billiton Ltd. TP8305B Datasheet HTML 3Page - Billiton Ltd. TP8305B Datasheet HTML 4Page - Billiton Ltd. TP8305B Datasheet HTML 5Page - Billiton Ltd. TP8305B Datasheet HTML 6Page - Billiton Ltd. TP8305B Datasheet HTML 7Page - Billiton Ltd. TP8305B Datasheet HTML 8Page - Billiton Ltd. TP8305B Datasheet HTML 9Page - Billiton Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
南京拓微集成电路有限公司
NanJing Top Power ASIC Corp.
REV_1.1
4
Vin
0.8V~3V
GND
FB
Diode
4.7uH
Rs
IS
EXT
VDD
CE
Rf
22uF
图 3 驱动单颗大功率 WLED 的典型应用电路
方案 4:高效率,限流功能驱动 WLED 方案
锂电池作为输入,利用升降压模式可驱动单颗大功率 WLED,适用于输入电压高于
输出电压的模式。具有限制输入电流的功能,且外围元器件简单。典型应用电路如图 4
所示。Vin=3.6V,Rs=0.02Ω时,效率为 81%。
FB
IS
GND
EXT
VDD
CE
Diode
4.7uH
NMOS
Rs
22uF
Vin
3V~4.2V
TP8305B
22uF
图 4 锂电池输入升降压模式驱动 WLED 方案



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com